Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 20 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 20 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 24Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
20
www.emmicroelectronic.com
7.3
Reset Pad
A high level on RESET terminal will trigger a system reset. All registers except the ones connected to POR will be
initialized with the reset input. A pull-down resistor is connected on this terminal.
The input may be debounced with either a high or low frequency clock. This reset terminal may be disabled if not desired
with bit DisResInp located in RegSys1. In the default configuration the reset input is directly routed to the reset controller.
The Reset occurance is flagged with bit ResetPadFlag in register RegResStat. Write ‘0’ to clear.
Figure 10. Reset terminal architecture
With the debouncer, EnDebResPad = ‘1’, the reset input signal must remain high during 1 full debouncer clock cycle to
pass and eventually create the ResetPad signal. The high and low frequency debouncing clocks are issued from Prescaler1
(Pr1Ck[13], Pr1Ck[8]). The selection is performed with bit CkDebResPad in register in register RegResStat
7.4
PortA Input Reset
Single port A input states or port A combinations can be defined to trigger a system reset. This function can be inhibited
with bit DisResInp in register RegSys1. Please refer to the chapter PortA for the input reset combination set-up. The Reset
occurance is flagged with bit ResInpPAFlag in register RegResStat. Write ‘0’ to clear. The ResInpPAFlag will also show in
case of BrownOut reset when the DisResInp was set ‘1’.
Figure 11. PortA input reset
The ResInpPA signal, which is the output of the combination matrix, can be used debounced or straight as system reset.
High and low debouncing clock frequencies are selectable, both are issued from Prescaler1 (Pr1Ck[13], Pr1Ck[8]).
Debouncer and clock selections are performed with bit EnDebResInp and bit CkDebResInp in register RegCfgPA.
DebResetPad
Reset
0
1
1
0
8kHz
256Hz
Debouncer
R
ResSys
CkDebResPad
EnDebResPad
DebResInpPA
0
1
ResSys
1
0
8kHz
256Hz
ResInpPA
Debouncer
R
CkDebResInp
EnDebResInp
PortA
logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com