Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 70 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 70 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 66Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 67Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 68Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 69Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 70Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 71Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 72Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 74Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
70
www.emmicroelectronic.com
14.3.4 Processor vector table
Address 1,2 and 3 of the program memory are reserved for interrupt subroutine calls. Generally the first four addresses of
the program memory are reserved for the processor vector table. The address 0 of the program memory contains the jump
to the start-up routine
Table 61. Processor vector table
Address
Accessed by
Description
Priority
0
ResCPU
Any reset, start-up address
Maximal, above interrupts
1
IN1
Interrupt level 1
medium
2
IN2
Interrupt level 2
low
3
IN3
Interrupt level 0
high
14.3.5 Context Saving
Since an interrupt may occur any time during normal program execution, there is no way to know which processor registers
are used by the user program. For this reason, all resources modified in the interrupt service routine have to be saved upon
entering and restored when leaving the service routine. The flags(C,V) and the accumulator (A) must always be saved,
since most instructions will modify them. Other registers need only to be saved when they are modified in the interrupt
service routine. There is a particular way to follow when saving resources. The accumulator should be saved first, followed
by the flags and then the other registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com