Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 50 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 50 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 54Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
50
www.emmicroelectronic.com
12.3
Registers overview:
Table 46. SPI registers
RegSPICfg
0x38
SPI configuration
Bit
Name
Res
Reset by
R/W
Description
7
Start
0
ResSysSlp
R/W
Start the transmission
6
MS2
0
ResSys
R/W
5
MS1
0
ResSys
R/W
4
MS0
0
ResSys
R/W
Selects master or slave mode. Used to select the
clock in master mode as well.
3
PosnNegShft
0
ResSys
R/W
Select the active edge of the shift register
2
MSBnLSB
0
ResSys
R/W
Select MSB or LSB first. ‘0’ = LSB first.
1
Synchro
0
ResSys
R/W
SOUT is synchronized on the opposite edge
0
Load_nShift
1
--
R
Flag indicating if the SPI is in load or transmit mode.
MS2
MS1
MS0
Mode
Clock source
0
0
0
Slave
External clock from SCLK PB[5]
0
0
1
Master
PWM1 from timer1 or timer12
0
1
0
Master
External clock from PA[5] input
0
1
1
Master
Pr2CkSource
1
0
0
Master
Pr2Ck[9]
1
0
1
Master
Pr2Ck[8]
1
1
0
Master
Pr1CkSource
1
1
1
Master
Pr1Ck[14]
RegSPIDat
0x39
SPI data register
Bit
Name
Res
Reset by
R/W
Description
7-0
SPIDat[7:0]
0
ResSys
R
Shift register status
RegSPILoad
0x3A
SPI load register
Bit
Name
Res
Reset by
R/W
Description
7-0
SPILoad[7:0]
0
ResSys
R/W
Buffer used to load the data to send through SOUT
RegCfgPB
0x32
Port B configuration
Bit
Name
Res
Reset by
R/W
Description
7
EnDualRAM
0
ResSys
R/W
Enable the Dual port RAM
6
EnSPI
0
ResSys
R/W
Enable the serial port interface
5
EnSig1
0
ResSys
R/W
Enable the internal signal 1 driving PB[0]
4
EnSig2
0
ResSys
R/W
Enable the internal signal 1 driving PB[1]
3
EnSig3
0
ResSys
R/W
Enable the internal signal 1 driving PB[2]
2
EnSig4
0
ResSys
R/W
Enable the internal signal 1 driving PB[3]
1
--
--
--
R
Read always 0
0
--
--
--
R
Read always 0
Table 47. SPI interrupt mapping
Interrupt source
Priority
IntCtrl connection
IrqSPI[1:0]
2
Int2[5:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com