Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 58 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 58 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 62Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
58
www.emmicroelectronic.com
In Zero-Stop mode the PWM becomes '0' and stops after zero detection. See below.
Figure 35. PWM or Frequency generations in Zero-Stop mode.
13.2.6.1 Frequency and Duty cycle Calculation
100
1
TimXLoad
TimXComp
DutyCyle
1)
(TimXLoad
F
F
ClkTim
PWM
⋅
+
=
+
=
13.2.6.2 Frequency generation
Frequency generation is an extension of the PWM function. The only difference is that in Frequency generation the duty
cycle and the signal period both change. The period adjustment is made with the autoreload load value. Whenever the load
value is changed, it will be applied on the next following loop after the zero crossing.
13.2.7 16-bits configuration
Timer1 and timer2 can form together a 16-bit timer12. So can timer3 and timer4 which form timer34. In this configuration,
timer1 (or timer3) becomes the master configuration for start source, clock source, the PWM mode, Auto-Reload or Zero-
Stop mode and IRQ selection.
The LSB comes from the timer1 and timer3 and the MSB from timer2 and timer4.
The functionality remains identical to the standalone 8-bit timers but the load, compare and status values are split in two
registers: RegTimXStatus, RegTimXLoad and RegTimXComp.
To merge timer1 and timer2 the bit EnTim12 in RegTimersCfg must be set at ‘1’.
To merge timer3 and timer4 the bit EnTim34 in RegTimersCfg must be set at ‘1’.
With timers merged the specific selection bits for timer2 or 4 have no function anymore and the interrupt source from the
slave timers (2 or 4) will be inactive.
ClkIn
SwStartX
TimXLoad
TimXComp
XX
XX
07
03
PWMX
TimXStatus
XX
07
06
05
04
03
02
01
00
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com