Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 15 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 15 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 19Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
15
www.emmicroelectronic.com
5.3.4
Conflict handling
The external device always has the priority against the CPU read or write operations. 2 interrupts are used to flag the
occurrence of possible conflicts. Conflicts may only occur by simultaneous access to the same memory location by the
external device and the CPU.
Table 11. DPR interrupt flags for conflict handling
CPU
operation
External
operation
Conflict description,
Interrupt signification
IrqDR[1]
IrqDR[0]
Read
Write
External write during CPU
read.
The data read by the CPU may be
corrupted
0
1
Write
Read
External read during CPU
write
The CPU write operation may
have failed
1
0
Write
Write
Concurrent writes
The CPU write may have failed.
1
1
Table 12. DPR interrupt mapping
Interrupt source
Priority
Interrupt controller connection
IrqDR[1:0]
2
Int2[7:6]
5.3.5
Register overview
Table 13. DPR registers
RegCfgPB
0x32
Bit
Name
Res
Reset by
R/W
Description
7
EnDualRAM
0
ResSys
R/W
Enable the Dual Port RAM
6
EnSPI
0
ResSys
R/W
Enable the Serial Interface function
5
EnSig1
0
ResSys
R/W
Connecting the internal Signal1 on PB[0]
4
EnSig2
0
ResSys
R/W
Connecting the internal Signal2 on PB[1]
3
EnSig3
0
ResSys
R/W
Connecting the internal Signal3 on PB[2]
2
EnSig4
0
ResSys
R/W
Connecting the internal Signal4 on PB[3]
1
-
--
--
R
Reads ‘0’
0
-
--
--
R
Reads ‘0’
RegDPRAM0
0x0C
Bit
Name
Res
Reset by
R/W
Description
7-0
DPR0[7:0]
00
POR
R/W
Dual port RAM location 0
RegDPRAM1
0x0D
Bit
Name
Res
Reset by
R/W
Description
7-0
DPR1[7:0]
00
POR
R/W
Dual port RAM location 1
RegDPRAM2
0x0E
Bit
Name
Res
Reset by
R/W
Description
7-0
DPR2[7:0]
00
POR
R/W
Dual port RAM location 2
RegDPRAM3
0x0F
Bit
Name
Res
Reset by
R/W
Description
7-0
DPR3[7:0]
00
POR
R/W
Dual port RAM location 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com