Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 78 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 78 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 74Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 75Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 77Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 78Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 79Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 80Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 81Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
78
www.emmicroelectronic.com
17.6
DC Characteristics – Voltage detection levels
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
POR static level
-40 to 85°C
VPOR
1.5
V
Power-Check level VBAT increasing
-40 to 85°C
VPWC
1.81
2.05
2.26
V
BrownOut level
-40 to 85°C
VBO
1.81
2.0
2.26
SVLD0, VBAT decreasing
-40 to 85°C
VSVLD0
1.81
2.0
2.26
SVLD1, VBAT decreasing
-40 to 85°C
VSVLD1
1.90
2.1
2.37
SVLD2, VBAT decreasing
-40 to 85°C
VSVLD2
1.99
2.2
2.47
SVLD3, VBAT decreasing
-40 to 85°C
VSVLD3
2.08
2.3
2.58
SVLD4, VBAT decreasing
-40 to 85°C
VSVLD4
2.16
2.4
2.69
SVLD5, VBAT decreasing
-40 to 85°C
VSVLD5
2.24
2.5
2.81
SVLD6, VBAT decreasing
-40 to 85°C
VSVLD6
2.35
2.6
2.91
SVLD7, VBAT decreasing
-40 to 85°C
VSVLD7
2.99
3.4
3.73
SVLD & BrownOut
temperature dependency
-40 to 85°C
± 50
ppm/°C
17.7
DC Characteristics – Oscillators
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
XTAL Integrated Input
capacitor
Reference on VSS
T=25
°C
CIN
7
pF
Xtal Integrated Output
capacitor
Reference on VSS
T=25
°C
COUT
14
pF
Xtal Oscillator start time
VDD > VDDMin
T=25
°C
tdosc
0.5
3
s
RC Oscillator 10MHz
Trimm reg 0#7F
FRC10MHz
7
10
13
MHz
Trimm range 10MHz
± 39
%
RC Oscillator 1MHz
Trimm reg 0#7F
FRC1MHz
0.7
1
1.3
MHz
Trimm range 1MHz
± 46
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com