Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 48 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 48 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 52Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
48
www.emmicroelectronic.com
12.1.2 SPI terminal configuration
When the SPI is enabled EnSPI=’1’, the pads used in the port B for the transmission are automatically set in input or output
mode according to the configuration of the SPI. The pull resistors as well as the possible open-drain selections depend on
port B settings for the terminal direction.
Table 45. Terminal configurations
Pads
SPI pins
Direction
Pull-down
Pull-up
Open-drain
PB[7]
SIN
Input
Selectable
Selectable
n.a.
PB[6]
SOUT
Output
Not selectable
Selectable in open-
drain mode
Selectable
PB[5]
SCLK
Output in master
mode.
Input in slave mode
Selectable in
slave mode
Selectable in slave or
open-drain master
mode
Selectable in
master mode
12.2
Functionality
12.2.1 Master and Slave modes
In slave mode SCLK is given externally and input on PB[5]. In master mode, SCLK is generated by the SPI and output on
PB[5].
Master/Slave selection as well as active clock selection in Master mode is done with the bits MS[2:0] in RegSPICfg.
Maximum Clock frequency in master mode is ½ of the internal high-speed clock (= 5MHz in case of RC 10MHz). Different
fix prescaler based clock frequencies and timer1 PWM frequencies are available as input clock.
-
MS[2:0] = 000 : Slave mode. SCLK = PB[5]
-
MS[2:0] = 001 : Master mode, SCLK = PWM1
(internal PWM signal coming for timer1)
-
MS[2:0] = 010 : Master mode, SCLK = PA[5]
(PA[5] input terminal)
-
MS[2:0] = 011 : Master mode, SCLK = Prc2CkSource
(clock source of prescaler2)
-
MS[2:0] = 100 : Master mode, SCLK = Pr2Ck[9]
(Output clock from prescaler2 bit[9])
-
MS[2:0] = 101 : Master mode, SCLK = Pr2Ck[8]
(Output clock from prescaler2 bit[8])
-
MS[2:0] = 110 : Master mode, SCLK = Pr1CkSource
(clock source of prescaler1)
-
MS[2:0] = 111 : Master mode, SCLK = Pr1Clk[14]
(Output clock from prescaler1 bit[14])
In master mode, SCLK is generated from the beginning until the end of the transmission. It is not necessary to enable and
disable the SPI for each burst. After each transmission, Start is automatically reset after 8 SPI clocks, except in cases
where the Load value is rewritten during the data transfer (AutoStart, fix data stream output).
12.2.2 Fix data stream Output (Auto-Start)
A new transmission will immediately follow the current transmission if the CPU writes in RegSPILoad while the Start = ‘1’.
Load_nShift is a flag indicating that the SPI is actually loading a value from RegSPILoad (Load_nShift = ‘1’) or if a
transmission is in progress (Load_nShift = ‘0’). The new RegSPILoad value must be loaded while LoadnShift is '0' (during
shift operation). A re-load after end of transmission, Start reads '0', will not trigger a new transmission. IrqSPI[1] can be
used to determine the reload time.
Note:
In Auto-Start mode, the SPI should run slower then the CPU especially when the CPU access RegSPIDat at the end
of the transmission.
12.2.3 SPI Interruptions
There are to interrupts generated by the SPI:
•
IrqSPI[1]: Generated at the beginning of the transmission on the first active edge of SCLK. It can be used in Auto-Start
mode to force the CPU to write the next value to transmit in RegSPILoad.
•
IrqSPI[0]: Generated at the end of the transmission on the last active edge of SCLK.
Both interruptions are maskable with RegMsk20[5:4]. They are on priority 2 in RegInt20[5:4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com