Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 60 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 60 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 64Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
60
www.emmicroelectronic.com
13.3
Recommended programming order
1
st:
Select the general timer configuration in RegTimersCfg.
2
nd:
Select the specific timer configuration RegTimXCfg.
3
rd:
Write the necessary load and compare values RegTimXLoad, RegTimXComp.
4
th:
Start the timer (software start) or enable the start condition in case of external start, RegTimerStart.
Note:
Do not change the configuration while running. Clock glitches may occur and influence the result.
13.4
Registers overview:
13.4.1 General configuration registers
Table 52. General Timer configuration
RegTimersCfg
0x4E
Bit
Name
Res
Reset by
R/W
Description
7
EnTim12
0
ResSys
R/W
Timer1 and timer2 merge in 16bits timer if = ‘1’
6
EnTim34
0
ResSys
R/W
Timer3 and timer4 merge in 16bits timer if = ‘1’
5
AR1
0
ResSys
R/W
Set the timer1 in Auto-Reload mode if = ‘1’
4
AR2
0
ResSys
R/W
Set the timer2 in Auto-Reload mode if = ‘1’
3
AR3
0
ResSys
R/W
Set the timer3 in Auto-Reload mode if = ‘1’
2
AR4
0
ResSys
R/W
Set the timer4 in Auto-Reload mode if = ‘1’
1
--
--
0
--
--
RegTimersStart
0x4F
Bit
Name
Res
Reset by
R/W
Description
7
SWStart1
0
ResSys
R/W
Timer1 software start-bit
6
Tim1Pulse
0
ResSys
R/W
Timer1 start on state if = ‘0’, on pulse if = ‘1’)
5
SWStart2
0
ResSys
R/W
Timer2 software start-bit
4
Tim2Pulse
0
ResSys
R/W
Timer2 start on state if = ‘0’, on pulse if = ‘1’)
3
SWStart3
0
ResSys
R/W
Timer3 software start-bit
2
Tim3Pulse
0
ResSys
R/W
Timer3 start on state if = ‘0’, on pulse if = ‘1’)
1
SWStart4
0
ResSys
R/W
Timer4 software start-bit
0
Tim4Pulse
0
ResSys
R/W
Timer4 start on state if = ‘0’, on pulse if = ‘1’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com