Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 31 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 31 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 35Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
31
www.emmicroelectronic.com
Table 24. Prescaler1 output clock frequencies based on selected input clock source.
XTAL
Pr2Source
AutoSelect
RC 10MHz
Pre-Div. 1
RC Clock
Pre-Division 1 to 8
RC 1 MHz
Pre-Div. 8
Xtal
32kHz
Pr1CkSource
origin
F1, Xtal
F2 based
F2
(10MHz)
Highest
value
F2:12 intermediate
values from
F2 (125kHz)
Lowest
value
Xtal from Pr2
Pr1CkSource
frequency
F1
32kHz
Pr2cK auto
~32kHz
Pr2ck[9]
2.5MHz
Pr2ck[9:3]
1.25Mhz and 500Hz
Pr2Ck[3]
500Hz
Pr2Ck[3]
256Hz
Pr1Ck[14]
/ 2
16kHz
~16kHz
1.25MHz
625KHz to 500Hz
250Hz
128Hz
Pr1Ck[13]
/ 4
8kHz
~8kHz
625kHz
313kHz to 250Hz
125Hz
64Hz
Pr1Ck[12]
/ 8
4kHz
~4kHz
313kHz
156kHz to 125Hz
62Hz
32Hz
Pr1Ck[11]
/ 16
2kHz
~2kHz
156kHz
78kHz to 62Hz
31Hz
16Hz
Pr1Ck[10]
/ 32
1kHz
~1kHz
78kHz
39kHz to 31Hz
16Hz
8Hz
Pr1Ck[9]
/ 64
512Hz
~512Hz
39kHz
20kHz to 16Hz
8Hz
4Hz
Pr1Ck[8]
/ 128
256Hz
~256Hz
20kHz
10kHz to 8Hz
4Hz
2Hz
Pr1Ck[7]
/ 256
128Hz
~128Hz
10kHz
5kHz to 4Hz
2Hz
1Hz
Pr1Ck[6]
/ 512
64Hz
~64Hz
5kHz
2.4kHz to 2Hz
1Hz
0.5Hz
(2s)
Pr1Ck[5]
/ 1024
32Hz
~32Hz
2.4kHz
1.2kHz to 1Hz
0.5Hz
(2s)
0.25Hz
(4s)
Pr1Ck[4]
/ 2048
16Hz
~16Hz
1.2kHz
600Hz to 0.5Hz
0.25Hz
(4s)
0.125Hz (8s)
Pr1Ck[3]
/ 4096
8Hz
~8Hz
600Hz
300Hz to 0.25Hz
0.125Hz
(8s)
0.062Hz
(16s)
Pr1Ck[2]
/ 8192
4Hz
~4Hz
300Hz
150Hz to 0.125Hz
0.062Hz
(16s)
0.031Hz
(32s)
Pr1Ck[1]
/ 16384
2Hz
~2Hz
150Hz
75Hz to 0.062Hz
0.031Hz
(32s)
0.016Hz
(64s)
Pr1Ck[0]
/ 32768
1Hz
~1Hz
75Hz
38Hz to 0.031Hz
0.016Hz
(64s)
0.008Hz
(128s)
8.7
RC clock trimming with Xtal oscillator
The RC oscillator can be trimmed to a precise frequency using either internal 32kHz Xtal based frequencies or any other
known timing as a reference. The base frequencies of the RC oscillator are trimmable to typ
± 40%, combining the trimming
and the frequency divider gives a total of 8 overlapping frequency regions with each 256 possible frequencies. See also
Figure 16. The frequency precision within the 75kHz to 10MHz range is better than 0.5%. Repeating the frequency
adjustment regularly allows compensating for slow voltage and temperature changes.
The trim value can be obtained by successive approximation using the timer to count the RC clock during a given timing
period (i.e. prescaler interrupts), then change the trim value based on the timer result until the result is within the desired
precision window. See also the Application note for RC trimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com