Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 75 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 75 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 71Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 72Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 74Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 75Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 77Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 78Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 79Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
75
www.emmicroelectronic.com
16.2
SVLD, BO Detection levels
Figure 44. BO and SVLD detection levels
16.3
IOL and IOH drives
Figure 45. Output Current drives
16.4
Pullup and Pulldown
Figure 46. Pullup and pulldown resitances and current
IOL = f(Temp)
@VDD=3V VDS=0.3V
Drive1
Drive2
0
2
4
6
8
10
12
-50
-30
-10
10
30
50
70
90
[°C]
IOL = f(VDD)
@25°C, VDS=0.3V
Drive1
Drive2
0
2
4
6
8
10
12
23456
[V]
IOH = f(Temp)
@VDD=3V VDS=0.3V
Drive1
Drive2
0
2
4
6
8
10
12
-50
-30
-10
1030507090
[°C]
IOH = f(VDD)
@25°C, VDS=0.3V
Drive1
Drive2
0
2
4
6
8
10
12
23456
[V]
IOL = f(VDS)
@25°C, VDD=3V
Drive1
Drive2
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
[V]
IOH = f(VDS)
@25°C, VDD=3V
Drive1
Drive2
0
10
20
30
40
50
60
00.511.5
22.53
[V]
PA, PB Pull Resistors = f(Temp)
@VDD=3V
pulldown
pullup
0
100
200
300
400
-50
-30
-10
1030507090
[°C]
PA, PB Pull resistors = f(VDD)
@25°C
pulldown
pullup
0
100
200
300
400
23
4
56
[V]
PA, PB Pull Current = f(VDD)
@25°C
Pulldown
Pullup
0
20
40
60
80
100
234
56
[V]
SVLD, BO Detection Levels
POR
PWRC, BO, SVLD0
SVLD1
SVLD2
SVLD3
SVLD4
SVLD5
SVLD6
VREG
SVLD7
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-40
-20
0
20
40
60
80
[°C]
Detection Levels
(Details BrownOut and PW RCheck)
VPW C
BO
SVLD0
2.02
2.03
2.03
2.04
2.04
2.05
2.05
-40
-20
0
20
40
60
80
[°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com