Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 18 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 18 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 22Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
18
www.emmicroelectronic.com
7.1.1
Reset functions registers
Table 16: Reset register overview
Functions
Register name
Basic function
Reset status
RegResStat
Reset Flags to identify reset source
RegResStat
Direct or debounced input and debouncer clock selection
Reset Pad configuration
RegSys1
Disable the reset pad input
BrownOut
RegAnaCfg
Enabling the Brownout function (default: On)
RegCfgPA
Reset and wake-Up system configuration,
RegMskRstWkUp
Combination mask selection
Reset PA input configuration
Refer to PortA description
RegCmbKey
Reset or wake-up key
RegWDkey
Watchdog reset
RegWDSys
Watchdog setup and keylock
Table 17: Reset registers detail
RegResStat
0x12
Reset Flags to determine the reset source
Bit
Name
Res
Reset by
R/W
Description
7
ResetPadFlag
0
POR
RC
Flag for Reset terminal, clear by write’0’
6
ResetWDFlag
0
POR
RC
Flag for watchdog reset, clear by write’0’
5
ResInpPAFlag
0
POR
RC
Flag for PortA input reset ,clear by write’0’
Flag is also set by BrownOut in case of
DisResInp=’1’
4
ResBwnOutFlag
0
POR
RC
Flag for BrownOut reset, clear by write’0’
3
SleepEn
0
POR
R/W
Enables to write the Sleep bit
2
EnDebResPad
0
ResSysSlp
R/W
‘1’: Debounced reset input
‘0’: Direct reset input
1
CkDebResPad
0
ResSys
R/W
‘1’: high speed clock (Pr1Ck[13], 8kHz)
‘0’: low speed clock (Pr1Ck[8], 256Hz)
0
DatOscOut
-
-
R
Read data on Oscout terminal if XTAL off
RegSys1
0x10
User reset handling
Bit
Name
Res
Reset by
R/W
Description
7
Sleep
0
ResSys
R/W
Put the circuit in sleep mode if = ‘1’
6
DisResetPad
0
POR
R/W
Disable the Input pad reset if = ‘1’
5
DisResInp
0
POR
R/W
Disable the port A reset input if = ‘1’
4
FlagXtal
0
ResMain
R
Xtal cold start flag, XTal ready if = ‘1’
3
OPTCldStart[1]
0
POR
R/W
2
OPTCldStart[0]
0
POR
R/W
Xtal cold start duration: ‘00’ = 1s, ‘10’ = 3/4s,
‘01’=1/2s, and ‘11’=1/4s.
1
FreqRange
0
ResSys
R/W
RC osc. frequency range selection:
‘1’=10MHz 0=1MHz
0
EnRC
1
ResSys
R/W
Enable RC oscillator if = ‘1’
RegWDSys
0x3B
Watchdog setup register including key lock
Bit
Name
Res
Reset by
R/W
Description
7
WDClear
0
--
R/W
Clear the WD counterby writing ‘1’ =Reset; ‘0’=no
action. Read is always ‘0’
6
EnWD
1
ResSys
R/W
Enable watchdog = ‘1’. The key word must be
loaded prior to force EnWD=’0’
5
WDVal[1]
0
ResSys
R
WD counter status, MSB-bit
4
WDVal[0]
0
ResSys
R
WD counter status , LSB-bit
3
WDClkSel
0
ResSys
R/W
Clock selection. ‘0’ = Pr1Ck[0]
(typ 1Hz)
‘1’ = Pr1Ck[7]
(typ 128Hz)
2
WDKeyLock[2]
0
ResSys
R/W
1
WDKeyLock[1]
0
ResSys
R/W
0
WDKeyLock[0]
0
ResSys
R/W
Unlock the key work if = ‘111’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com