Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
4
Program Memory
All instructions to be executed are stored in the Program Memory, all general-purpose data as well as peripheral registers
values are stored in a separate data memory (see chapter 5). This special Harvard-RISC like architecture gives the core the
ability to read operands in the data memory simultaniously with one instruction fetch.
Maximum program memory size of the EM6812 is 22.5 kBytes. Each Instruction is 22 bits wide, which gives a total of 8192
Instruction words.
Program Memory is implemented as Flash memory (EM6812-Fx). I.e. EM6812-F2 which contains 2k instruction words.
The device is delivered with different program memory sizes from 8192 down to 2048 instruction words. Please refer to the
ordering information section for the different memory types and sizes.
4.1
Memory miss
The unique Memory Miss feature of the EM CoolRISC products allows operating with high-speed peripheral clocks even at
low voltage power supplys
The Memory Read Monitor (= memory miss) is an important feature ensuring correct program execution while allowing
graceful performance reduction at low voltage conditions. The access times of memory cells are dependent mainly on the
supply voltage and the temperature. Figure 4 is showing a general
case were wait states are automatically added depending on the
actual power supply voltage.
By monitoring each program memory access it can be assured that
all memory accesses are good. If necessary, wait- states will be
added.
As the supply voltage reaches V2 an interrupt
(PM_Miss_skip) is generated to signal that the Memory Read
Monitor will soon start adding wait states to ensure accurate
program execution. To be sure to always be running error free a
standard processor would have to stop its activity at this point.
Using this warning the processor can, for example, turn off not
absolutely required functions to reduce the power supply load. At
V1, the processor starts automatically adding the wait states
necessary to ensure proper operation. The processor will then
continue to operate flawlessly as the power supply voltage level
continues to descend down to the Brownout voltage, V0 in this
diagram. As the voltage falls the number of wait states will increase
as necessary to assure that the memory is read correctly at each
access.
As the Memory Read Monitor is a hardware function that uses an actual memory cell as its standard it takes into account all
of the factors that influence the real memory read time of the memory array. It works accurately for all combinations of
voltage, frequency and temperature. This guarantees stable processor operation for graceful performance reduction.
The addition of the Memory Read Monitor allows extending the working range of the application from V2 down to V0 without
compromising the operating security in any way.
Figure 5. Wait insertion versous Power supply (V2 voltage)
V2
V1
V0
012
Wait states
Full speed operation
Nearing critical timing
Automatically adding
wait states to assure
error free functionality
Brownout reset
Figure 4. Read Monitor funtion
PM_Miss; Wait cycles insertion
RC 1MHz RCDiv=1
RC 10MHz RCDiv=4
RC 10MHz RCDiv=2
0
1
2
3
4
5
234
56
VDD
Wait Cycle insertion
No Wait Cycle
insertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com