Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 36 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 36 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 40Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
36
www.emmicroelectronic.com
10.1.2 Register map, PA IO functions
Table 30. Port A Registers overview
Functions
Register name
Basic function
RegInPA
Direct read of input terminal state
RegOutPA
Data output register
Base
RegIOSelPA
Direction selection
RegPullUpPA
Pull-up resistor selection
RegPullDownPA
Pull-down resistor selection
Pull resistor and
open drain
RegOpenDrainPA
Enable n-channel open drain output
RegIntEdgPA
Interrupt edge selection
IRQ related
RegEnDebPA
Debouncer selection for interrupt signal
Reset and Wake-up
RegCfgPA
Reset and wake up system configuration,
RC Oscillation Loop selection
RegMskRstWkUp
Combination mask selection
Reset and Wake-up
RegCmbKey
Reset or wake-up key
Table 31.
Port A Registers
RegInPA
0x21
Input register
Bit
Name
Res
Reset by
R/W
Description
7-0
PAIn[7:0]
--
-
R
Direct read of input terminal state
‘0’=read low, ‘1’= read high
RegOutPA
0x22
Output data
Bit
Name
Res
Reset by
R/W
Description
7-0
OutPA[7:0]
00
ResSys
R/W
Data output register
‘0’= output low, ‘1’=output high
RegIOSelPA
0x24
Direction setting
Bit
Name
Res
Reset by
R/W
Description
7-0
IOSelPA[7:0]
00
ResSys
R/W
Direction selection;
‘1’=Output, ‘0’=Input
RegPullUpPA
0x2A
Pull-up selection
Bit
Name
Res
Reset by
R/W
Description
7-0
PullUpPA[7:0]
00
ResMain
R/W
Pull-up resistor selection
‘0’=no pull-up, ‘1’=pull-up enabled
RegPullDownPA
0x2B
Pull-down selection
Bit
Name
Res
Reset by
R/W
Description
7-0
PullDownPA[7:0]
FF
ResMain
R/W
Pull-down resistor selection
‘0’=no pull-down, ‘1’=pull-down enabled (if no pull-
up)
RegOpenDrainPA
0x29
N-channel Open drain selection
Bit
Name
Res
Reset by
R/W
Description
7-0
OpenDrainPA[7:0]
00
ResMain
R/W
N-channel open drain selection (if output)
‘0’=CMOS mode, ‘1’= open drain enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com