Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 53 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 53 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 57Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
53
www.emmicroelectronic.com
13.2.2 Zero-Stop mode
In “Zero-Stop” mode, the timer stops counting after reaching zero. It generates an interrupt IRQTimX and resets the Start
bit.
Startup synchronization is based on the first negative edge of the selected clock source after the start condition was fulfilled.
After the startup phase, the RegTimXLoad value is transferred into the timer and down counting starts on the next active
clock edge. Counting is based on the positive edge of the selected timer input clock source.
Figure 29. Timing diagram in Zero-Stop mode (SWStart)
Restart of the stopped timer after 0 detect
is synchronized based on the negative edge of the selected timer input clock source. The timer stop condition must be valid
for 2 full timer clock periods before being able to restart. This means that the timer can be restarted ½ clock period after the
SWStart
X bit was automatically cleared or 1½ clock timer clock cycles after the interrupt 0 detect.
Not respecting of this restart delay may prevent timer reload, its value will remain at 00 and no new IRQ will be generated
independent of the fact that its start condition may be true.
Stopping the timer during down-count
Will freeze the timer on the current value (positive timer input clock synchronization)
Restart of the stopped timer during down-count
is synchronized based on the negative edge of the selected timer input clock source. As such it acts like an initial timer start
and will start by loading the TimXLoad value and start the down-count.
Special cases apply if the timer is stopped for short periods below 1½ timer-input clocks. In such cases the count value may
be enlarged by one unit (stop seen, but restart just afterwards) or the TimXLoad may not take place (stop not seen)
For proper restart, the internal, synchronized Start signal must go low for at least 1 full clock period.
Note:
Above mentioned timer restart delay times can be drastically reduced when after going into the stop condition the timer
frequency is temporarily set to the highest available frequency (i.e. setting Pr2CkSource, NOP, going back to original clock).
Internal(ClkTim)
Internal(Stop)
Internal(Start)
synchronized
ClkIn
SwStart
TimXLoad
TimXStatus
XX
XX
07
07
06
05
04
03
02
IrqTimerX
01
00
Count down
Re-Start
(earliest possible)
07
06
CPU write
SwStart reset
by Stop
Timer Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com