Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 32 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 32 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 36Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
32
www.emmicroelectronic.com
8.8
Registers overview
Table 25. Clock management registers
RegSys1
0x10
Bit
Name
Res
Reset by
R/W
Description
7
Sleep
0
ResSys
R/W
Put the circuit in sleep mode if = ‘1’
6
DisResetPad
0
POR
R/W
Disable the input pad reset if = ‘1’
5
DisResInp
0
POR
R/W
Disable the port A reset input if = ‘1’
4
FlagXtal
0
ResMain
R
Xtal cold start flag, Xtal ready if = ‘1’
3
OPTCldStart[1]
0
POR
R/W
2
OPTCldStart[0]
0
POR
R/W
Xtal cold start duration: ‘00’ = 1s, ‘10’ = 3/4s,
‘01’=1/2s, and ‘11’=1/4s.
1
FreqRange
0
ResSys
R/W
RC osc. frequency range selection:
‘1’=10MHz ‘0’=1MHz
0
EnRC
1
ResSys
R/W
Enable RC oscillator if = ‘1’
RegSys2
0x11
Bit
Name
Res
Reset by
R/W
Description
7
EnXtal
0
ResMain
R/W
Enable Xtal oscillator if = ‘1’
6
SelExtHFck
0
ResMain
R/W
Enable external clock instead of RC if = ‘1’
5
SelHFckSource
0
ResMain
R/W
Select external clock PA4 if '0', PA5 if '1'
4
SelExtLFck
0
ResMain
R/W
Enable external clock instead of Xtal if = ‘1’
3
--
0
--
R/W
Not used, read always ‘0’
2
Sel32k
0
ResMain
R/W
CPU clock ‘1’=low freq (F1) ‘0’=high freq (F2)
1
RCDiv[1]
1
ResMain
R/W
0
RCDiv[0]
1
ResMain
R/W
HF domain division factor for F2:
‘00’=1, ‘01’=2 , ‘10’=4, ‘11’=8
RegPr1Status
0x15
Bit
Name
Res
Reset by
R/W
Description
7-0
Pr1CkStatus[7:0]
01
ResSys
R/C*
Prescaler1 Clock status on 8 MSB
RegPr2Status
0x16
Bit
Name
Res
Reset by
R/W
Description
7-0
Pr2CkStatus[7:0]
00
ResSys
R/C*
Prescaler2 Clock status on 8 MSB
C*: Write access resets the register value (8 MSB counter values)
RegTrimRC
0x13
Bit
Name
Res
Reset by
R/W
Description
7-0
Trim[7:0]
7F
ResMain
R/W
RC oscillator trimming byte
RegPrCkSel
0x14
Bit
Name
Res
Reset by
R/W
Description
7
Pr1CkSel[2]
0
ResSys
R/W
6
Pr1CkSel[1]
0
ResSys
R/W
5
Pr1CkSel[0]
1
ResSys
R/W
Refer to the ’ Table 23. Prescaler1 clock selection,
non-automatic mode ‘
4
AutoSel
1
ResSys
R/W
Auto prescaler1 clock selection to ~32kHz
3
Pr2CkSel
1
ResSys
R/W
Prescaler2 clock selection
‘0’=low freq (F1), 1=high freq / 2 (F2 / 2).
2
--
1
--
R
Read always ‘1’
1
--
1
--
R
Read always ‘1’
0
--
0
--
R
Read always ‘0’
Table 26. Clock interrupts mapping
Interrupt source
Priority
IntCtrl connection
Pr1Ck[0] (1Hz if Xtal)
0
Int0[1]
Pr1Ck[5] (32Hz if Xtal
0
Int0[2]
Pr1Ck[7] (128Hz if Xtal)
0
Int0[3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com