Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 41 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 41 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 45Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
41
www.emmicroelectronic.com
10.3.5 Don’t care bits
A don’t care function is provided so that the input status is only taken into account if the corresponding mask selection bit is
set. Special: If all relevant bits of a function are set as ‘don’t care’, then this function is inhibited.
10.3.6 Debouncer
The Reset and the Wake-Up signal have a debouncer selection with either a fast or low speed clock. If the debouncer is
selected, the corresponding input signal must remain stable during 1 full debouncer clock period to pass. In sleep mode (no
clock) the debouncer is automatically by-passed.
The debouncer clock is coming from the prescaler1, and either Pr1ck[8] (256Hz) or Pr1ck[13] (8kHz) can be selected with
CkDebWk
for wake-up and CkDebRes for the reset function.
Note:
To avoid detection spikes on input or mask changes it is strongly encouraged to always selecting the debouncer
functionality.
10.4
Oscillation Loop
On pad terminals PA[6] (RCOut) and PA[4] (RCIn) a simple oscillation system can be made using external components (i.e.
RC oscillator with resistor from, PA[6] to PA[4] and capacitor from PA[4] to VSS).
The Oscillation loop is configured with the bit RCLoop in RegCfgPA. With RCLoop set the inverted PA[4] input value is
output on PA[6]. The input schmitt-trigger levels give the oscillation signal on PA[4].
For correct operation PA[6] needs to be configured as output and PA[4] as input. Refer to Table 32. Port A IO mode.
Figure 23. Port A oscillation loop
10.4.1 Inverter function
The RC oscillation loop can also be used as a signal inverter. Any signal connected to PA[4] will be feed out inverted on
PA[6] if the RCLoop bit is set.
10.5
Dual Port RAM interface
The control signals and addresses for the embedded dual port RAM are mapped on port A. Refer to Table 29. Port A
External Connectivity.
The involved port A terminals must be set in input mode. Pull selection will be active as specified in Table 32. Port A IO
mode.
Please refer to chapter 5.3 Dual Port Ram for a full description.
Rext
Cext
0
1
PAIOSel[6]
RCLoop
OutPA[6]
PAIn[4]
PA [4]
PA [6]
internal
external
Input low
threshold
Input high
threshold
PA [6]
PA [4]
PA[4], PA[6] Signal flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com