Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 26 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 26 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
26
www.emmicroelectronic.com
8.3
Low frequency clock source
Before switching on a low frequency clock source, make sure that the pre-devised high frequency clock is at least 8 times
higher than the expected low frequency clock. Once the low frequency clock is up and running the high frequency clock
source may be stopped if not needed anymore. The clock switching is based on the scheme as shown in Figure 17.
Synchronous Clock switching.
There are several conditions which all activate the 2 possible low frequency clock sources, Crystal oscillator or external
clock.
For Crystal oscillator:
-
EnXTAL = ’1’
: Forces the XTAL on (must never be set if no XTAL present)
-
Sel32k = ‘1’
: CPU on low frequency clock source (F1)
-
Pr1CkSel[2:0] = ‘000’ : Prescaler 1 running on low frequency clock source (F1)
-
Pr2CkSel = ‘0’
: Prescaler 2 running on low frequency clock source (F1)
For external clock:
-
EnXtal = ‘0’ AND SelExtLFCk = ‘1’:
To be able to run on external low frequency clock, above condition must be true before any of the crystal oscillator selection
conditions is true.
Do not select a low frequency clock source if this source is not present or does not vehicule a clock.
8.3.1
Crystal oscillator
The Xtal oscillator is the main clock generator of the low frequency domain. It is off by default.
Writing EnXtal = ‘1’ in the register RegSys2 enables the Xtal oscillator. Now the Xtal management system waits for a
defined number of oscillation periods before it allows using this source as a CPU clock. This phase is called Xtal cold-start.
It is possible to set this wait time using OPTCldStart[1:0] in RegSys1 between typically 1s and ¼ second. The peripheral
Crystal derived clocks are not blocked during cold-start (Prescaler inputs). This cold start time is also active after every
crystal oscillator re-start.
Whenever a peripheral block or the CPU get a low frequency clock selection – but not external low frequency clock
(SelExtLFCk= ‘0’) – then the crystal oscillator gets switched on also even if EnXtal is ‘0’. Again every start-up of the crystal
oscillator is followed with a cold-start period. To avoid frequent cold start delays, one may permanantly switch on the Xtal
with EnXtal=’1’.
Table 19. Table of Xtal cold-start duration and selection.
Number of cold-start pulses
Typical wait time
OPTCldStart[1]
OPTCldStart[0]
32768
1s
0
0
24576
3/4s
1
0
16384
1/2s
0
1
8192
1/4s
1
1
During the startup phase, the CPU can check if the Xtal cold start is done or not reading FlagXtal in RegSys1. The Xtal is
not available as a CPU clock source while FlagXtal = ‘0’. After the cold-start time, this flag becomes ‘1’ and thus allows to
switchover.
Note:
Avoid high frequency operation and fast transitions on PA7 while the 32kHz Crystal Oscillator is running. PA7 induced
crosstalk on OscOut terminal (PCB, Package) can influence the good Crystal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com