Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 77 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 77 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 74Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 75Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 77Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 78Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 79Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 80Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 81Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
77
www.emmicroelectronic.com
17 Electrical Specification
17.1
Absolute Maximum Ratings
Min.
Max.
Units
Power supply VDD-VSS
- 0.2
+6.0
V
Input voltage
VSS – 0.2
VDD+0.2
V
Storage temperature
- 40
+ 125
°C
Electrostatic discharge to
Mil-Std-883C method 3015.7 with ref. to VSS
-2000
+2000
V
Maximum soldering conditions
Packages are Green-Mold and Lead-free
As per Jedec J-STD-020C
Stresses above these listed maximum ratings may cause permanent damage to the device.
Exposure beyond specified electrical characteristics may affect device reliability or cause malfunction
17.2
Handling Procedures
This device has built-in protection against high static voltages or electric fields; however, anti-static precautions should be
taken as for any other CMOS integrated circuit.
Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the supply voltage
range.
17.3
Standard Operating Conditions
Parameter
MIN
TYP
MAX
Unit
Description
Temperature
-40
25
85
°C
VDD _Range
2
3.0
5.5
V
IVSS max
80
mA
Maximum current out of VSS Pin
IVDD max
80
mA
Maximum current into VDD Pin
VSS
0
V
Reference terminal
CVREG (note 1)
470
nF
regulated voltage capacitor
Flash data retention
10 yrs
Read and Erase state retention
Note 1:
This capacitor filters switching noise from VDD to keep it away from the internal logic cells.
In noisy systems the capacitor should be chosen bigger than minimum value.
17.4
Typical Crystal specification
Fq
32768
Hz
nominal frequency
Rqs
35
KOhm
typical quartz serial resistance
CL
8.2
pF
typical quartz load capacitance
df/f
± 30
ppm
quartz frequency tolerance
Watch type crystal oscillator (i.e Microcrystal DS15 ), connected between QIN and Qout terminal.
17.5
DC Characteristics - Power Supply Currents
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
VDD =3V, 25°C, RCDiv=2
IVDDa10_d2
800
1200
µA
ACTIVE Supply Current
CPU on RC=10MHz
VDD =3V, -40 to 85°C, RCDiv=2
IVDDa10_d2
800
1400
µA
VDD =3V, 25°C, RCDiv=1
IVDDh10_d1
80
110
µA
Standby Supply Current
RC=10MHz enabled
VDD =3V, -40 to 85°C, RCDiv=1
IVDDh10_d1
80
120
µA
VDD =3V, 25°C, RCDiv=1
IVDDa1_d1
120
170
µA
VDD =3V, -40 to 85°C, RCDiv=1
IVDDa1_d1
120
180
µA
Active Supply Current
CPU on RC=1MHz
VDD =3V, 25°C; RCDiv=8
IVDDa1_d8
45
µA
VDD =3V, 25°C, RCDiv=1
IVDDh1_d1
10
13.7
µA
VDD =3V, -40 to 85°C, RCDiv=1
IVDDh1_d1
10
15
µA
Standby Supply Current
RC=1MHz enabled
VDD =3V, 25°C, RCDiv=8
IVDDh1_d8
6
µA
VDD =3V, 25°C, RC off
IVDDa32
8
10
µA
Active Supply Current
CPU on Xtal 32KHz
VDD =3V, -40 to 85°C, RC off
IVDDa32
8
12
µA
VDD =3V, 25°C, RC off
IVDDh32
0.8
1
µA
Standby Supply Current
CPU on Xtal 32KHz
VDD =3V, -40 to 85°C, RC off
IVDDh32
0.8
1.2
µA
BrownOut or SVLD consumption
VDD =3V, -40 to 85°C
IVDDa32
6
µA
VDD =3V, 25°C
IVDDs1
0.16
0.3
µA
SLEEP Supply Current
VDD =3V, -40 to 85°C
IVDDs1
0.16
0.6
µA
Active supply currents are measured using a checkerboard read-write loop in the low power RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com