Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 24 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 24 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
24
www.emmicroelectronic.com
8.2
High frequency clock source
8.2.1
RC oscillator
The RC oscillator is the main clock generator of the high frequency domain. Its function is based on internal elements only.
An 8-bit trim register is provided to allow precise frequency adjustment based on known timing functions (software
Frequency Locked Loop FLL). The RC Osc is switched on by default on system startup and after any reset on its base
frequency of 1MHz. The Pre-Divider is set to /8 which results in a CPU and peripheral clock frequency of 125KHz (typ).
•
Frequency range: 1MHz or 10MHz. Selectable with bit FreqRange in register RegSys1.
•
Frequency division by 1, 2, 4 or 8. Selectable with bits RCDiv[1:0] in register RegSys2.
•
RC trimming: Range
± ~40%. Coded on 8 bits Trim[7:0] in register RegTrimRC.
Figure 16. Overlapping RC Oscillator trimming regions (75kHz to 14MHz)
The user may generate almost any frequency from typ. ~75kHz up to ~14MHz continuously with the 3 combinations
mentioned above. The F2 clock mainly depends on the selected frequency range, divider setting and trimm value.
Table 18. Clock selection after Pre-Division (signal F2 in Figure 15)
RC oscillator @ 1 MHz
FreqRange = 0 in RegSys1
RC oscillator @ 10 MHz
FreqRange = 1 in RegSys1
Divide by 8
Divide by 4
Divide by 2
Divide by 1
Divide by 8
Divide by 4
Divide by 2
Divide by 1
RCDiv[1:0]
11
RCDiv[1:0]
10
RCDiv[1:0]
01
RCDiv[1:0]
00
RCDiv[1:0]
11
RCDiv[1:0]
10
RCDiv[1:0]
01
RCDiv[1:0]
00
RC trimming: minimum frequency Trim[7:0] = 00
75kHz
150kHz
300kHz
0.6MHz
0.75MHz
1.5MHz
3MHz
6MHz
RC trimming: nominal frequency Trim[7:0] = 7F (default)
125 kHz
250kHz
500kHz
1MHz
1.25MHz
2.5MHz
5MHz
10MHz
RC trimming: maximum frequency Trim[7:0] = FF
175kHz
350kHz
700kHz
1.4MHz
1.75MHz
3.5MHz
7MHz
14MHz
Typ 1MHz
Frequency after Pre-Division
/2
/1
/4
/8
Typ -40%
Typ +40%
Typ 500kHz
Typ 250kHz
Typ 125kHz
Min. 75kHz(RC=1MHz)
Max. 1.4MHz(RC=1Mhz)
RC 1MHz
Frequency after Pre-Division
/2
/1
/4
/8
Typ 10MHz
Typ -40%
Typ +40%
Typ 5MHz
Typ 2.5MHz
Typ 1.25MHz
Min 750kHz(RC=10MHz)
Max. 14MHz(RC=10Mhz)
RC 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com