Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 81 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 81 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 74Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 75Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 77Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 78Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 79Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 80Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 81Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 81 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
81
www.emmicroelectronic.com
18 Ordering information Flash device
Packaged Device:
Device in DIE Form:
EM6812
+
EM6812
Flash Memory Size:
Flash Memory Size:
F2 = 2k x 22 Bit (5.6 kByte)
F2 = 2k x 22 Bit (5.6 kByte)
F4 = 4k x 22 Bit (11.2 kByte)
F4 = 4k x 22 Bit (11.2 kByte)
F8 = 8k x 22 Bit (22.5 kByte)
F8 = 8k x 22 Bit (22.5 kByte)
Package:
Die form:
SO24 = 24 pin SOIC
WW = Wafer
TP24 = 24 pin TSSOP
WS = Sawn Wafer/Frame
WP = Waffle Pack
Delivery Form:
Thickness:
A = Stick
11 = 11 mils (280um), by default
B = Tape&Reel
27 = 27 mils (686um), not backlapped
F8
F8 WS 11
TP24 A
In its packaged form, EM6812 is available in green mold / leadfree (symbolized by a “+” at the end of the part number).
Note:
Please contact EM Microelectronic for availability of other die thicknesses.
Ordering Part Number (selected examples)
Part Number
Memory Size
Package/Die Form
Delivery Form/Thickness
EM6812F2TP24B+
2k x 22 bit Flash
24 pin TSSOP
Tape&Reel, 3000 pieces
EM6812F4TP24A+
4k x 22 bit Flash
24 pin TSSOP
Stick, 50 pieces
EM6812F8SO24B+
8k x 22 bit Flash
24 pin SOIC
Tape&Reel, 2000 pieces
EM6812F8WS11
8k x 22 bit Flash
Sawn wafer
11 mils
Please make sure to give the complete Part Number when ordering.
Package Marking
SOIC marking:
TSSOP marking:
First line:
E M 6 8 1 2
% % % Y
E M 6
8
1
2 % %
Second line:
P P P P P P P P P P P
P P P P P P P P
Third line:
F & D
F & D
Y P
Where: %%% = specific number assigned by EM
Y = Year of assembly
PP…P = Production identification (date & lot number) of EM Microelectronic
& = memory size (2,4, 8 k Instruction)
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in
the Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site.
EM assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or
specifications detailed herein at any time without notice, and does not make any commitment to update the information
contained herein. No licenses to patents or other intellectual property of EM are granted in connection with the sale of EM
products, expressly or by implications. EM's products are not authorized for use as components in life support devices or
systems.
©
EM Microelectronic-Marin SA, 05/05, Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com