Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 40 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 40 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 44Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
40
www.emmicroelectronic.com
10.3.1 Register map
Table 36. Port A Reset and wake-up registers
RegCfgPA
0x23
Configuration settings for reset and wake-up system.
Bit
Name
Res
Reset by
R/W
Description
7
Excl_nComb
0
ResMain
R/W
Mode selection for reset and wake-up system
‘0’=Input combination, ‘1’=Individual bit action
6
Wk_nRes
0
ResMain
R/W
Selects either reset or wake-up function
‘0’=Reset, ‘1’=Wake-up
(has no action if SplitCmb=0)
5
SplitCmb
0
ResMain
R/W
PA[7:4] = Reset combination
PA[3:0] = Wake-up combination
‘0’=full port A, ‘1’=port A split,
4
EnDebResInp
0
ResSysSlp
R/W
Enable the reset debouncer function
‘0’=No debouncer, ‘1’= debouncer enabled
3
CkDebResInp
0
ResMain
R/W
Select the reset debouncer clock
‘0’=Pr1Ck[8] (256Hz); ‘1’=Pr1Ck[13] (8kHz)
2
EnDebWk
0
ResSysSlp
R/W
Enable the wake-up debouncer function
‘0’=No debouncer, ‘1’= debouncer enabled
1
CkDebWk
0
ResMain
R/W
Select the wake-up debouncer clock
‘0’=Pr1Ck[8] (256Hz); ‘1’=Pr1Ck[13] (8kHz)
0
RCLoop
0
ResSys
R/W
Enable the RC Osc Loop on PA[6], PA[4]
‘0’=RC Loop disabled, ‘1’= RC Loop enabled
RegMskRstWkUp
0x26
Input mask for reset and wake-up selection
Bit
Name
Res
Reset by
R/W
Description
7-0
MskRstWkUp[7:0]
00
ResMain
R/W
Input selection for reset and wake-up system
1=input selected, 0= do not care
RegCmbKey
0x25
Reset and Wake-up key definition
Bit
Name
Res
Reset by
R/W
Description
7-0
CmbKey[7:0]
00
ResMain
R/W
Reset and wake-up key
0=match if 0, 1=match if 1
10.3.2 Input splitting
Both reset and wake-up functions can be activated if the port A is split in 2 parts. PA[7:4] gets the reset function and PA[3:0]
the wake-up. With the bit SplitCmb=’0’ (no split of port A) only the function defined by bit Wk_nRes is active.
10.3.3 Actions
Resetting the microcontroller on condition match.
Wake-up signal to the microcontroller on condition match.
Reset will trigger a system reset (ResSys)
Wake-up will resume from unclocked CPU low power modes. Its main actions are:
•
In Halt mode: Sending Event to the CPU (resumes from HALT mode back to active mode).
Refer to Interrupt section. Wake-up will activate signal DebWakeUP and give the CPUEvent0.
•
In Sleep mode: Cancel Sleep mode (resets the Sleep bit, CPU restarts from adr 0).
10.3.4 Condition match
A match condition is obtained if either all selected bits match (AND-function for Combination trigger) or at least one of the
selected bits match the input status (OR-function for Exclusive trigger).
Combination
(AND-Type): The PA input, 4 or 8 bit, need to fully match the corresponding combination key pattern, except
for the ‘don’t care’ bits to trigger reset and/or wake-up.
Exclusive
(OR-Type): At least 1 combination key bit matching a selected PA input pin status will trigger reset and/or wake-
up if not inhibited by a ‘don’t care’ condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com