Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 49 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 49 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 53Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
49
www.emmicroelectronic.com
12.2.4 SPI edge and synchronization selection
Depending on the protocol, the SPI can shift the data’s on falling or rising edge of SCLK with bit PosnNegShft in register
RegSPICfg. It is possible to resynchronize SOUT on the opposite edge shift clock with bit Synchro in register RegSPICfg:
Figure 26 : Edge and synchronization selection
12.2.5 SPI start-up
The SPI is enabled by bit EnSPI in RegCfgPB. Before enabling the SPI its configuration must be set. Configuration means,
the clock selection, the edge selection and the synchronization of SOUT selection. If one of this parameter change while
EnSPI
= ‘1’, the transmitted data are not guaranteed. The last operation is to set Start to launch the transmission.
•
1
st: Configuration settings : Clock, Edge, synch and MSB/LSB selection
•
2
nd: Enabling the SPI: bit EnSPI in RegCfgPB
•
3
rd: Write the load data in RegSPILoad
•
4
th: Start the transmission with bit Start in RegSPICfg
When the transmission is finished, RegSPIDat contains the received value coming through SIN.
Note:
This register is accessible in read mode only. It is possible to read it at any time but the data is not guaranteed during
the transmission in slave mode and may not be the final value while Load_nShift = ‘0’.
The value is guaranteed when Load_nShift = ‘1’. It is possible to use the interrupt IrqSPI[0] to start to read this register.
The Start bit can be used to determine if a shift operation is ongoing or has finished. In Master mode the Start flag is
synchronized with the next inversed active clock edge after writing the start bit. (The user writes the start bit but reads the
start flag). In slave mode the start flag becomes active immediately after writing the start bit. After a full byte transfer the
Start bit and also the start flag are reset. This may be used to determine end of transfer by software polling.
12.2.6 MSB or LSB first selection
By default, MSBnLSB = ‘0’, the first transmission bit (receive or send) is the LSB. MSB first can be selected by writing
MSBnLSB
=’1’. The selection must be performed at the SPI setup, before loading or reading the transmission value.
SCLK
RegSPIDat
XX
AA
54
A9
52
A5
4B
IrqSPI[0]
SIN
SOUT
010
101
0
10
010
110
1
55
1
96
IrqSPI[1]
RegSPILoad
00
AA
PosnNegShft = ‘1’ Synchro = ‘0’
Load_nShift
SCLK
RegSPIDat
XX
AA
54
A9
52
A5
4B
IrqSPI[0]
SIN
SOUT
010
101
0
10
010
110
RegSPILoad
00
AA
1
55
1
96
IrqSPI[1]
PosnNegShft = ‘0’ Synchro = ‘0’
Load_nShift
SCLK
RegSPIDat
XX
AA
54
A9
52
A5
4B
IrqSPI[0]
SIN
SOUT
0
101
010
10
010
110
RegSPILoad
00
AA
55
1
96
IrqSPI[1]
PosnNegShft = ‘1’ Synchro = ‘1’
Load_nShift
SCLK
RegSPIDat
XX
AA
54
A9
52
A5
4B
IrqSPI[0]
SIN
SOUT
0
101
010
10
010
110
RegSPILoad
00
AA
1
55
1
96
IrqSPI[1]
PosnNegShft = ‘0’ Synchro = ‘1’
Load_nShift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com