Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 67 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 67 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 64Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 65Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 66Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 67Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 68Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 69Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 70Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 71Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
67
www.emmicroelectronic.com
14.2.1 Interrupt acquisition masking.
At start up or after any reset all interrupt sources are masked (mask bits are ‘0’). To activate a specific interrupt source input
the corresponding mask bit must be set ‘1’. Masking does not clear an existing interrupt but will prevent future interrupts on
the same input. Refer to Figure 38, Interrupt acquisition architecture.
14.2.2 Interrupt acquisition Clearing
A pending interrupt can be cleared in 3 ways
1.
Reading the interrupt flag registers RegInt00, RegInt10 and RegInt20 will automatically clear all stored interrupts which
were set prior to the read in the corresponding register. This read is normally done inside the interrupt subroutine to
determine the source of the interrupt.
2.
Each interrupt register bit can be individually cleared (set ‘0’) by writing ‘0’ to the corresponding RegInt00, RegInt10
and RegInt20 register bit. Write of ‘1’ has no effect.
3.
At power up or after any reset all interrupt registers are reset.
14.2.3 Register map, Interrupt acquisition
Table 58. Interrupt acquisition register overview
Functions
Register name
Basic function
RegInt00
Storage of incoming interrupts, priority 0 (highest)
RegInt10
Storage of incoming interrupts, priority 1
Interrupt source inputs
RegInt20
Storage of incoming interrupts, priority 2 (lowest)
RegMsk00
Masking of incoming interrupts on priority 0 level
RegMsk10
Masking of incoming interrupts on priority 1 level
Interrupt masking
RegMsk20
Masking of incoming interrupts on priority 2 level
Table 59. Interrupt acquisition registers
RegInt00
0x19
Bit
Name
Res
Reset by
R/W
Description
7-0
Int0[7:0]
00
ResSys
R*/W*
Interrupt source flag register, priority 0
R*W*: auto-reset after read, only write of value ‘0’ is performed write of ‘1’ has no action
RegInt10
0x18
Bit
Name
Res
Reset by
R/W
Description
7-0
Int1[7:0]
00
ResSys
R*/W*
Interrupt source flag register, priority 1
R*W*: auto-reset after read, only write of value ‘0’ is performed write of ‘1’ has no action
RegInt20
0x17
Bit
Name
Res
Reset by
R/W
Description
7-0
Int2[7:0]
00
ResSys
R*/W*
Interrupt source flag register, priority 2
R*W*: auto-reset after read, only write of value ‘0’ is performed write of ‘1’ has no action
RegMsk00
0x1C
Bit
Name
Res
Reset by
R/W
Description
7-0
Msk0[7:0]
00
ResSys
R/W
Interrupt mask register, priority 0
RegMsk10
0x1B
Bit
Name
Res
Reset by
R/W
Description
7-0
Msk1[7:0]
00
ResSys
R/W
Interrupt mask register, priority 1
RegMsk20
0x1A
Bit
Name
Res
Reset by
R/W
Description
7-0
Msk2[7:0]
00
ResSys
R/W
Interrupt mask register, priority 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com