Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 25 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 25 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
25
www.emmicroelectronic.com
8.2.1.1
RC switch off
The RC oscillator may be switched off to save power consumption by setting bit EnRC = '0'. In this state the system clock
must come from either the low frequency clock domain or the external high-speed clock input. While it is sufficient to switch
on the RC Oscillator by setting bit EnRC = '1', it is not sufficient to clear this bit for switching off the RC. The RC oscillator
will only stop if no peripheral circuitry (prescaler or CPU) has the RC clock as its input selection.
A special case occurs during CPU Halt mode. In this state, the RC will be switched off automatically until the CPU returns
from Halt, either by IRQ or Reset. This automatic switch off will not take place if one of the prescalers have an RC based
clock as an active input clock.
RC switch off procedure (running on XTAL):
1
st:
Enable the Crystal oscillator, if not yet enabled, by writing EnXtal = '1' in register RegSys2.
2
nd:
Switch the prescalers on the 32kHz Clock; Pr1CkSel[2:0]='000', AutoSel='1', Pr2CkSel='0' in register
RegPrCkSel
3
rd:
Switch the CPU to 32kHz operation; Sel32k ='1' in register RegSys2
4
th:
Once Crystal is ready, Flag FlagXtal='1', disable the RC oscillator with EnRC='0' in register RegSys1
The RC oscillator may also be switched off when running on the high speed external clock (SelExtHFck='1' and
ENRC=’0’).
8.2.2
High frequency external clock
It is possible to use an external clock instead of the RC oscillator. There are two pads from the Port A which usable as an
input clock. External clock selection is performed with bit SelExtHFck = '1' and the clock source is chosen with bit
SelHFckSource
, both in register RegSys2.
• PA[4] if SelHFckSource = ‘0’ in RegSys2
• PA[5] if SelHFckSource = ‘1’ in RegSys2
If using one of these pads as clock source, it must be configured as input. Pull resistor selection remains available.
Using
the
RC
loop
function,
an
external
RC
oscillator
can
be
build
using
PA[4]
as
clock
input.
The clock switching is based on the scheme as shown in Figure 17. Synchronous Clock switching .
8.2.2.1
Switching from RC to external clock
A glitch free clock-switching scheme is implemented. Switch over procedure:
1
st:
CPU writes clock selection change bit SelExtHFck
2
nd:
on the next falling edge of the current clock the clock signal is forced '0'.
3
rd:
the newly selected input will become the clock source at its following falling edge.
Figure 17. Synchronous Clock switching
The clock selection output will switchover to the new clock on its next falling clock edge when the initial selected clock has
been disabled.
After switchover to external clock, the RC oscillator can be stopped to save current consumption.
SelExtClk1
RC Osc
Ext clock
Clock
RC_osc
Force 0
Ext clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com