Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 51 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 51 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 55Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
51
www.emmicroelectronic.com
13 Timers
13.1
Basic features:
The EM6812 contains 4 identical, individual configurable 8-bit timers. They may be used standalone or chained together as
2 x 16-bit timers. Possible configurations are
•
4 x 8-bit:
Timer1, Timer2, Timer3, Timer4
•
2 x 8-bit, 1 x 16-bit
Timer1, Timer2, Timer34
Timer12, Timer3, Timer4
•
2 x 16-bit
Timer12, Timer34
Each timer can work with input signals from port A (clock start, stop, input capture), output PWM or frequency signals on
port B, and generating interrupt signals on ‘zero’ or 'compare' match conditions.
Each timer has its own configuration bits and setup registers.
•
Input clock source (external inputs and prescaler clock frequencies), select 1 out of 8.
•
Start condition (software write or external condition); select 1 out of 8.
•
Auto-Reload or Zero-Stop mode.
•
Pulse Width Modulation (PWM) and Frequency generation.
•
Interrupts source (compare or zero).
•
Timer value read on the fly.
When chained together as a 16bit Timer34, the Timer4 will take over the full configuration of the Timer3. Same thing applies
for Timer12.
The basic timer function is counting from the start value down to hex 00, then an interrupt is generated and the timer stops.
With the autorelod bit set, the timer reloads the start value after reaching zero and so runs in an endless loop until stopped.
At every zero detect an interrupt signal is generated.
With PWM bit set, a pulse width modulated signal can be output directly and inverted on port B. Pulse width and period
depend on the timer compare and timer load value. Either the compare condition or zero condition can create an interrupt.
Frequency generation is done in PWM mode by selecting the desired signal period (load value) and putting the compare
value on half the period.
Figure 27. Timer architecture
8
8/16 bit timer
status
Timer load
value
PWM
Comparator
IRQ_Comp
IRQ_Zero
PWM
Freq generation
Ext._start
Ext._clk
CPU_Start
int._clk
Auto Reload
Start/stop
Timer compare
value
IRQ Timer
Enable
Enable PWM
1
0
Timer
configuration
Clock source
Start source
PWM generation
Interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com