Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 52 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 52 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 56Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
52
www.emmicroelectronic.com
13.2
Functionality
13.2.1 Auto-Reload mode
“Auto-Reload” mode means that after having down-counted from the start value in RegTimXLoad to zero, the timer restart
down-counting automatically from the start value. If the start value changes during the down counting, the timer waits until
the end of the loop before loading the new start value. For Auto-Reload mode, the bit ARX in RegTimersCfg must be set.
The period in Auto-Reload mode is equal to the RegTimXLoad + 1 value.
Startup synchronization is based on the first negative edge of the selected clock source after the start condition was fulfilled.
After the startup phase, the RegTimXLoad value is transferred into the timer and down counting starts on the next active
clock edge. After every zero detection the timer value is loaded again, and if RegTimXLoad was altered, the new value will
be loaded.
The timer stops at the first active clock edge following the removed start condition. Also, when the AR bit is cleared during
down counting, the timer will stop when reaching zero (= Zero-Stop mode). At every zero crossing an interrupt IRQTimX will
be generated.
Figure 28. Timing diagram in Auto-Reload mode (SWStart)
Stopping the timer during down-count
Will freeze the timer on the current value (positive timer input clock synchronization)
Restart of the stopped timer during down-count
is synchronized based on the negative edge of the selected timer input clock source. As such it acts like an initial timer start
and will start by loading the TimXLoad value and start the down-count.
Special cases apply if the timer is stopped for short periods below 1½ timer-input clocks. In such cases the count value may
be enlarged by one unit (stop seen, but restart just afterwards) or the TimXLoad may not take place (stop not seen)
For proper restart, the internal, synchronized Start signal must go low for at least 1 full clock period.
Note:
Above mentioned timer restart delay times can be drastically reduced when after going into the stop condition the timer
frequency is temporarily set to the highest available frequency (i.e. setting Pr2CkSource, NOP, going back to original clock).
ClkIn
SWStart
Internal(Stop)
TimXLoad
XX
XX
03
03
02
01
00
03
02
IrqTimer
01
00
03
02
Internal(Start)
synchronized
CPU writes
Start
CPU writes
Stop
Timer Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com