Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 79 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 79 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 74Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 75Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 77Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 78Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 79Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 80Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 81Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
79
www.emmicroelectronic.com
17.8
DC Characteristics - I/O Pins
Conditions: T= -40 to 85
°C, VDD=3.0V (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Input Low voltage
Ports A,B, Reset
VIL
VSS
0.2* VDD
V
OscOut
Note 1
VIL
VSS
0.1*Vreg
V
Input High voltage
Ports A,B, Reset,
VIH
0.7* VDD
VDD
V
OscOut
Note 1
VIH
0.9*Vreg
Vreg
V
Input Hysteresis
PA[7:0], PB[7:0]
Temp=25°C
VHyst
0.4
V
VDD =3.0V , VOL=0.30V
IOL
1.75
2.8
mA
IOL drive 1
PA[5:0], PB[7:4]
VDD =3.0V , VOL =1.0V
IOL
7.40
mA
VDD =3.0V , VOL =0.15V
IOL
1.8
3.3
mA
VDD =3.0V , VOL =0.30V
IOL
6.6
mA
IOL drive 2
PA[7:6], PB[3:0]
VDD =3.0V , VOL =1.0V
IOL
21.4
mA
VDD =3.0V, VOH= VDD - 0.30V
IOH
-2.1
-1.4
mA
IOH drive 1
PA[5:0], PB[7:4]
VDD =3.0V, VOH = VDD - 1.0V
IOH
-7.0
mA
VDD =3.0V, VOH = VDD - 0.15V
IOH
-3.8
-2.5
mA
VDD =3.0V, VOH = VDD - 0.30V
IOH
-8.6
mA
IOH drive 2
PA[7:6], PB[3:0]
VDD =3.0V, VOH = VDD - 1.0V
-26.5
mA
Input Pull-down
Port A,B
VDD =3.0V, Pin at 3.0V, 25°C
RPD2
80k
100k
130k
Ohm
Input Pull-up
Port A,B
VDD =3.0V, Pin at 0.0V, 25°C
RPU2
120k
160k
230k
Ohm
Input Pull-down
Test, Reset
VDD =3.0V, Pin at 3.0V, 25°C
RPD1
20k
40k
70k
Ohm
Note 1
; OscOut is only usable if no XTAL connected, its input is referenced to the regulated voltage Vreg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com