Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 37 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 37 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 41Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
37
www.emmicroelectronic.com
10.1.3 IO Operation
Port A input terminal status can always be read directly. All registers influencing the IO modes are bit-wise selectable. The
integrated switchable pull resistors and the selectable output drive mode allow a maximum of different terminal modes.
Refer to Table 32. Port A IO mode for the details.
The default state after power up on all PA terminals is input mode with pull-down resistor.
Table 32. Port A IO modes
Modes
Notes
Input mode
0
X
X
0
0
High-Z
Needs external drive
(PA[i] must never be floating)
Input mode with pull-up
0
X
X
1
X
Weak Hi
Pull-up has priority over pull-down
Input mode with pull-down
0
X
X
0
1
Weak Lo
Default state after Power-up
Output mode, CMOS high drive
1
1
0
X
X
1
Pull resistors disabled
Output mode, CMOS low drive
1
0
0
X
X
0
Pull resistors disabled
Output mode, open drain, high-Z
1
1
1
0
X
High-Z
Pull-down disabled
Needs external drive
(PA[i] must never be floating)
Output mode, open drain with pull-up
1
1
1
1
X
Weak Hi
Pull-up active
Output mode, open drain drive low
1
0
1
X
X
0
Pull-up disabled
Note:
Every port A input always needs at least one driver. A floating input can generate hazards and may induce cross current in
the input amplifier.
Note:
Avoid high frequency operation and fast transitions on PA7 while the 32kHz Crystal Oscillator is running. PA7 induced
crosstalk on OscOut terminal (PCB, Package) can influence the good Crystal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com