Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 19 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 19 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 23Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
19
www.emmicroelectronic.com
RegWDKey
0x3C
Watchdog key register
Bit
Name
Res
Reset by
R/W
Description
7-0
WDKey
00
ResSys
R*/W
WD key word to allow the software disabling the
watchdog if = ‘10010110’ bin
R*: The WDkey bits always read '00' if no valid WDKey or if WDKeyLock is locked
RegAnaCfg
0x20
BrownOut and SVLD handling
Bit
Name
Res
Reset by
R/W
Description
7
EnSvld
0
ResSys
R/W
Enable the SVLD function
6
EnBrownOut
1
POR
R/W
Enable the Brownout function
5
SvldLevel1
0
ResSys
4
SvldLevel2
0
ResSys
3
SvldLevel3
0
ResSys
SVLD level selection (1 out of 8 levels)
2
-
-
-
-
1
-
-
-
-
0
SVLDStatus
0
R
Svld result ‘0’ = VDD > SVLD Level
‘1’ = VDD < SVLD Level
7.2
POR and PowerCheck
At power-up the POR initializes the whole circuit and enables the power check function. The POR signal remains active
and keeps until the supply voltage is above VPOR (~1.5V). The CPU is held in reset state until power supply reaches the
power check level voltage VPWC (~2.05V) but at minimum arround 10ms after POR releasing. Power Check is eliminating
the grey zone between VPOR and VDDmin (2.0V) by releasing system operation not before the minimal specified supply
voltage is reached.
The POR cell supervises the regulated voltage observable on VREG terminal. Vreg is also the supply voltage for the whole
peripheral logic including the CPU core. The Voltage regulator output impedance together with the external capacitor on
VREG terminal form a low pass filter which protect the core logic and the POR cell from noisy power supplies. Pulling
VREG below VPOR voltage will also trigger a POR event and putting the circuit in reset state.
Figure 9. POR and Power Check behavior
1: Power up phase, power on reset and Power check switched on
2: Noise on VDD filtered on Vreg
3: Large and long drop on VDD, Vreg terminal falls below VPOR voltage. POR and power check initiated.
4: Large but short drop in VDD voltage. Vreg filter prevents to initiate POR.
VDDmin
POR
VPWC
1
2
3
4
PWR Check
VDD
VREG
[V]
time
VPOR
1.5V
2.0V
2.05
t1
t1
T1 is minimum around 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com