Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 74 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 74 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 70Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 71Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 72Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 74Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 75Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 77Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 78Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
74
www.emmicroelectronic.com
16 Typical V and T dependencies
16.1
IVDD Currents
Figure 40. RC_10MHz, Active and Standby mode
Figure 41. RC_1MHz, Active and Standby mode
Figure 43. Xtal 32kHz Active and Standby mode
Figure 42. Sleep mode
Active mode, BO on, CPU on XTAL 32kHz,
IVDD=f(Temp)
0
5
10
15
20
25
-40
-20
0
20
40
60
80 [°C]
Active mode, BO on, CPU on XTAL 32kHz
IVDD=f(VDD)
0
5
10
15
20
25
23
4
5
6 [V]
Standby mode, BO off, CPU on XTAL 32kHz,
IVDD=f(Temp)
0
0.4
0.8
1.2
1.6
2
-40
-20
0
20406080 [°C]
Standby mode, BO off, CPU on XTAL 32kHz
IVDD=f(VDD)
0
0.4
0.8
1.2
1.6
2
23
45
6 [V]
Active mode, BO off, CPU on XTAL 32kHz,
IVDD=f(Temp)
0
2
4
6
8
10
12
14
-40
-20
0
20
406080 [°C]
Active mode, BO off, CPU on XTAL 32kHz
IVDD=f(VDD)
0
2
4
6
8
10
12
14
23
4
56 [V]
Sleepmode, CPU off,
IVDD=f(Temp)
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
204060
80 [°C]
Sleep mode, CPU off
IVDD=f(VDD)
0
0.1
0.2
0.3
0.4
0.5
234
56 [V]
Standby mode ,BO off, RC 10Mhz, RCDiv=1
IVDD=f(Temp)
0
20
40
60
80
100
120
-40
-20
0
20406080
[°C]
Standby mode, BO off, RC 10Mhz, RCDiv=1
IVDD=f(VDD)
0
20
40
60
80
100
120
23
456 [V]
Standby mode ,BO off, RC 10Mhz, RCDiv=8
IVDD=f(Temp)
0
20
40
60
80
100
-40
-20
0
204060
80 [°C]
Standby mode, BO off, RC 10Mhz, RCDiv=8
IVDD=f(VDD)
0
20
40
60
80
100
23
45
6 [V]
Active mode, BO off, RC 10Mhz, RCDiv=2
IVDD=f(Temp)
0
250
500
750
1000
-40
-20
0
2040
6080
[°C]
Active mode, BO off, RC 10Mhz, RCDiv=2
IVDD=f(VDD)
0
500
1000
1500
2000
234
56
[V]
Active mode, BO off, RC 1Mhz, RCDiv=1
IVDD=f(Temp)
0
50
100
150
200
250
300
-40
-20
0
2040
6080 [°C]
Active mode, BO off, RC 1Mhz, RCDiv=1
IVDD=f(VDD)
0
50
100
150
200
250
300
23
45
6 [V]
Standby mode, BO off, RC 1Mhz, RCDiv=1
IVDD=f(Temp)
0
2
4
6
8
10
12
14
-40
-20
0
20406080 [°C]
Standby mode, BO off, RC 1Mhz, RCDiv=1
IVDD=f(VDD)
0
2
4
6
8
10
12
14
23
4
5
6 [V]
Standby mode, BO off, RC 1Mhz, RCDiv=1
IVDD=f(Temp)
0
2
4
6
8
10
-40
-20
0
204060
80
[°C]
Standby mode, BO off, RC 1Mhz, RCDiv=1
IVDD=f(VDD)
0
2
4
6
8
10
23
4
56
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com