Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 42 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 42 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 46Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
42
www.emmicroelectronic.com
11 Port B
11.1
Basic features
The port B is an 8-bit general-purpose input/output port. The CPU can read the input state in all modes. All selections
concerning the port B are bit-wise executable on PB[0] to PB[7].
These are:
Input / Output selection
CMOS or NCH Open Drain Outputs
Pull resistor selection. Pull-up or Pull-down. When both are selected, pull-up has the priority.
Special features
SPI serial port interface
Frequency outputs
−
Timer PWM and Frequency generation
−
Divided RC and Crystal oscillator frequencies
Dual Port Ram data bus
Table 37. Port B External Connectivity
Port B output connectivity
Signal1 to 4 selection on PB[3:0] with EnSig bit set
Sig1Sel[1:0] --> selects special output source for PB[0]
Sig2Sel[1:0] --> selects special output source for PB[1]
Sig3Sel[1:0] --> selects special output source for PB[2]
Sig4Sel[1:0] --> selects special output source for PB[3]
PortB
Normal
Output
Serial
Interface
Freq
Output
Dual Port
RAM
SigXSel[1,0]
‘00’
SigXSel[1,0]
‘01’
SigXSel[1,0]
‘10’
SigXSel[1,0]
‘11’
Output
drive
PB[7]
PBOut[7]
SIN
input
DPData[7]
output
Drive 1
PB[6]
PBOut[6]
SOUT
output
DPData[6]
output
Drive 1
PB[5]
PBOut[5]
SCLK
input/o
utput
DPData[5]
output
Drive 1
PB[4]
PBOut[4]
na
DPData[4]
output
na
na
na
na
Drive 1
PB[3]
PBOut[3]
Signal4
DPData[3]
output
PWM4
Not PWM3
Pr1Ck[11]
Pr1Ck[0]
Drive 2
PB[2]
PBOut[2]
Signal3
DPData[2]
output
PWM3
Not PWM4
Pr2CkSource
Pr1CkSource
Drive 2
PB[1]
PBOut[1]
Signal2
DPData[1]
output
PWM2
Not PWM1
Pr1Ck[11]
Pr1Ck[0]
Drive 2
PB[0]
PBOut[0]
na
Signal1
DPData[0]
output
PWM1
Not PWM2
Pr2CkSource
Pr1CkSource
Drive 2
11.1.1 Special function priority handling
•
Highest priority is on the Dual Port Ram function which takes full control of the output when the DPR is externally
accessed in read mode (EnDualRAM=’1’, ExtCEn=’1’, ExtWEn=’0’).
•
Second priority is the Serial interface settings and the Frequency outputs. The serial interface selection with bit EnSPI
automatically configures the SIN, SOUT and SCLK terminals.
On the same priority level is also the Frequency outputs. As soon as one of the EnSig bits is written the
corresponding PB terminal becomes output.
•
Last priority has the normal mode data output with PBOut[n] and direction with IOSelPB[n].
Please note that SPI, DPR and Frequency out selection selections do not change the normal port B output data or direction
setting, but force their own IO requirement while used. Refer to chapter 11.4 Special IO operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com