Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 14 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 18Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
14
www.emmicroelectronic.com
5.3.2
External Write Access to DPR
A write access from external uses the control signals ExtWen, ExtCen and the address signals ExtAddr[1:0] from the port A
to write a value given on the port B into the DPR location inside the EM6812.
Setting EnDualRam=’1’ in RegCfgPB and then configure port A and port B to allow an external circuitry to drive the
necessary control and data lines for DPR operation.
Figure 6. DPR, Write into the EM6812
Data are written into the DPR on the rising edge of ExtCen. While ExtWen is high the selected address location is write
protected against CPU writes.
5.3.3
Read Access from DPR
A Read access from external uses the control signals ExtWen, ExtCen and the address signals ExtAddr[1:0] from the port A
to output the addressed DPR value on the port B.
First set the necessary port A configuration to allow an external circuitry to drive the input port. As soon as ExtCen becomes
high (and ExtWen is low) the port B will become output and drive the currently selected DPR data value.
Figure 7. DPR, Read from the EM6812
While ExtCen is high the selected DPR memory location is write protected to guarantee the value read by the external
device.
ExtAddr[1:0]
ExtWen
ExtCen
Mem cell @h000D
01
AA
ExtData[7:0]
AA
ExtAddr[1:0]
ExtWen
ExtData[7:0]
ExtCen
Mem cell @h000D
01
AA
AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com