Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 29 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 29 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
29
www.emmicroelectronic.com
8.6.1
Prescaler2 (10 stages)
The prescaler 2 has two selectable clock sources possible. By default it is running on RC oscillator.
•
Pr2CkSe
l = ‘0’: LF clock domain (F1: Xtal oscillator or external clock).
•
Pr2CkSel
= ‘1’: HF clock domain after pre-division (F2) divided by 2 (RC oscillator or external clock) F2/2.
Pr2CkSource is the clock source of the prescaler2. 10 different clocks get out from the prescaler2; Pr2Ck[9:0].
The shaded values are selected for prescaler1 clock input in case of autoselect and no active low frequency.
All clock duty cyles are 50% expecpt for the Pr2CkSource which is 25% high if issued from the high frequency input clock.
Table 20. Prescaler2 output frequencies when running on HF clock domain (CkPeri_High_Freq)
RC Oscillator
10MHz
10MHz
10MHz
10MHz
1MHz
1MHz
1MHz
1MHz
Pre-Division by
1
2
4
8
1
2
4
8
Pr2CkSource
(Duty: 25% high)
F2/2
5MHz
F2/2
2.5MHz
F2/2
1.25MHz
F2/2
625kHz
F2/2
500kHz
F2/2
250kHz
F2/2
125kHz
F2/2
62.5kHz
Pr2Ck[9]
Pr2CkSource / 2
2.5MHz
1.25MHz
625kHz
313kHz
250kHz
125kHz
62.5kHz
31.3kHz
Pr2Ck[8]
Pr2CkSource / 4
1.25MHz
625kHz
313kHz
156kHz
125kHz
62.5kHz
31.3kHz
15.6kHz
Pr2Ck[7]
Pr2CkSource / 8
625kHz
313kHz
156kHz
78kHz
62.5kHz
31.3kHz
15.6kHz
7.8kHz
Pr2Ck[6]
Pr2CkSource / 16
313kHz
156kHz
78kHz
39kHz
31.3kHz
15.6kHz
7.8kHz
3.9kHz
Pr2Ck[5]
Pr2CkSource / 32
156kHz
78kHz
39kHz
20kHz
15.6kHz
7.8kHz
3.9kHz
2.0kHz
Pr2Ck[4]
Pr2CkSource / 64
78kHz
39kHz
20kHz
10kHz
7.8kHz
3.9kHz
2.0kHz
1.0kHz
Pr2Ck[3]
Pr2CkSource / 128
39kHz
20kHz
10kHz
5kHz
3.9kHz
2.0kHz
1.0kHz
500Hz
Pr2Ck[2]
Pr2CkSource / 256
20kHz
10kHz
5kHz
2.4kHz
2.0kHz
1.0kHz
500Hz
250Hz
Pr2Ck[1]
Pr2CkSource / 512
10kHz
5kHz
2.4kHz
1.2kHz
1.0kHz
500Hz
250Hz
125Hz
Pr2Ck[0]
Pr2CkSource / 1024
5kHz
2.4kHz
1.2kHz
610Hz
500Hz
250Hz
125Hz
62Hz
The prescaler2 clock values, 8 MSB's, Pr2CkStatus[7:0] can be read in register RegPr2Status. These 8 most significative
bits can be cleared by a simple write operation of any value to the RegPr2Status register.
The Pr2Ck sources are used as input clock sources for several other peripheries (SPI, Timers, Prescaler1, etc). Clearing
the 8 MSB’s may therefore influence the proper operation of these peripheries.
Table 21. Prescaler2 output frequencies when running on LF clock domain (CkPeri_Low_Freq)
Signal name
Division
Presacler 2 output frequency
In case of XTAL 32kHz as active
low frequency clock
Pr2CkSource
Pr2CkSource / 1
32768Hz
Pr2Ck[9]
Pr2CkSource / 2
16384Hz
Pr2Ck[8]
Pr2CkSource / 4
8192Hz
Pr2Ck[7]
Pr2CkSource / 8
4096Hz
Pr2Ck[6]
Pr2CkSource / 16
2048Hz
Pr2Ck[5]
Pr2CkSource / 32
1024Hz
Pr2Ck[4]
Pr2CkSource / 64
512Hz
Pr2Ck[3]
Pr2CkSource / 128
256Hz
Pr2Ck[2]
Pr2CkSource / 256
128Hz
Pr2Ck[1]
Pr2CkSource / 512
64Hz
Pr2Ck[0]
Pr2CkSource / 1024
32Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com