Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 44 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 40Page - STMicroelectronics STWBC2-HP Datasheet HTML 41Page - STMicroelectronics STWBC2-HP Datasheet HTML 42Page - STMicroelectronics STWBC2-HP Datasheet HTML 43Page - STMicroelectronics STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
2.2.6.4.2
I/O signal
1.
Disabling the pattern generator by setting the LED_BUZZER_<x>_CFG[5] enable bit.
2.
Direct controls of the I/O signal through the LED_BUZZER_<x>_IO[1:0] register bits.
2.2.6.5
Configuration register overview
Table 33 shows the list of LED configuration registers overview:
Table 33. LED configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val.
LED_BUZZER_1_CFG
Led/Buzzer driver configuration
R/W
0
0x22
0x00
LED_BUZZER_1_IO
Led/Buzzer I/O State
R/W
0
0x23
0x0Y(1)
LED_BUZZER_1_PATTERN_L
Low byte of pattern
R/W
0
0x24
0x00
LED_BUZZER_1_PATTERN_H
High byte of pattern
R/W
0
0x25
0x00
LED_BUZZER_1_CLK_DIV
Clock division
R/W
0
0x26
0x00
LED_BUZZER_2_CFG
Led/Buzzer driver configuration
R/W
0
0x27
0x00
LED_BUZZER_2_IO
Led/Buzzer I/O State
R/W
0
0x28
0x0Y(1)
LED_BUZZER_2_PATTERN_L
Low byte of pattern
R/W
0
0x29
0x00
LED_BUZZER_2_PATTERN_H
High byte of pattern
R/W
0
0x2A
0x00
LED_BUZZER_2_CLK_DIV
Clock division
R/W
0
0x2B
0x00
1. Refer to register definition.
2.2.7
BB-DCDC
2.2.7.1
Overview
The BB-DCDC is a digital controller for buck, boost, buck-boost DC to DC conversion.
2.2.7.2
Feature list
•
Synchronous clocked machine
•
Uses only comparators as analog resources
•
Configurable as boost, buck or buck-boost
•
Run burst, DCM, QR and CCM conversion modes
•
Detects overload
•
Can regulate VIN drop
•
Can limit output current
2.2.7.3
Functional description
Here below is shown the group of signals handled by the BB-DCDC.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 44/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com