Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 46 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 42Page - STMicroelectronics STWBC2-HP Datasheet HTML 43Page - STMicroelectronics STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
Figure 48. DCM operation output voltage above target
2.2.7.7
CCM case
The drawing below shows a CCM case which happens because the coil current reached the maximum peak
current allowed for the coil. In this case, the charge time is not increased.
Figure 49. CCM Icoil reach max. peak
2.2.7.8
Discharge and Probing
As for the charge step, the discharge step is controlled by its duration. The discharge step is adjusted to target a
QR operation while ensuring that current in the coil is not reverting.
The current reversal detection during the discharge step is done using an additional probing step placed right
after the discharge step. During this probe step, the output stage of the converted is placed in high impedance
(both high- and low-side MOS are OFF):
•
If the current in the coil Icoil was still flowing to VOUT before the probe step, the switching node voltage Vsw
rises up to VOUT+0.7 V through the high-side MOS body diode.
•
If the current in the coil Icoil has reverted before the probe step, the switching node voltage Vsw drops down
to -0.7 V through the low-side MOS body diode.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 46/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com