Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 80 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 76Page - STMicroelectronics STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics STWBC2-HP Datasheet HTML 82Page - STMicroelectronics STWBC2-HP Datasheet HTML 83Page - STMicroelectronics STWBC2-HP Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fLPF_NODESNSDEMOD
Low pass filter frequency
values
-10%
8
+10%
kHz
-10%
12
+10%
kHz
-10%
16
+10%
kHz
fHPF_NODESNSDEMOD
High pass filter
cut-off frequency values
-10%
300
+10%
Hz
-10%
450
+10%
Hz
-10%
600
+10%
Hz
-10%
750
+10%
Hz
BRIDGE CURRENT SENSE & DEMODULATION
IBRIDGE_ZCD
Zero cross detection offset
voltage
Between BRIDGE_ISNS_P and
BRIDGE_ISNS_N
-10
0
+10
mV
VBDG_CURRSNS_CM
Sensing resistor common
mode voltage
0
V
VBDG_CURRSNS_RNG
Sensing resistor differential
voltage range
Between BRIDGE_ISNS_P and
BRIDGE_ISNS_N
±0.02
±200
mV
GBDG_CURRSNS
Bridge Current Sense Gain
Four selectable values: 4, 8,
16, 32.
4
32
V/V
ZIN_BDGCURRSNS
Differential input impedance
5
kΩ
IIN_BDGCURRSNS
Input Current
5
mA
fLPF_BDGCURRDEMOD
Low pass filter
cut-off frequency values
-10%
4
+10%
kHz
-10%
8
+10%
kHz
-10%
12
+10%
kHz
-10%
16
+10%
kHz
fHPF_NODESNSDEMOD
High pass filter
cut-off frequency values
-10%
300
+10%
Hz
-10%
450
+10%
Hz
-10%
600
+10%
Hz
-10%
750
+10%
Hz
VIN CURRENT SENSE
VIN_CURR_SNS_CM
Common mode voltage on
sense resistor
4
24
V
VIN_CURR_SNS_RNG
Differential input voltage
range (across sense
resistor)
±16
±200
mV
IIN_CURR_SNS_CM
Common mode input
current (through sense
nodes)
5
mA
ZIN_CURR_SNS_CM
Input differential impedance
50
Ω
EXTERNAL GATE DRIVERS (GPIOs with pad operating voltage VLDO_3V3)
VGP_IL
Input low level voltage
0.8
V
VGP_IH
Input high level voltage
2
V
VGP_OL
Output low level voltage
ILOAD=6 mA (sourced)
0.4
V
VGP_OH
Output high level voltage
ILOAD=- 6 mA (sunk)
VLDO_3V3-
0.4
V
fGP
Output signal frequency
C=50 pF, VLDO_3V3
25
MHz
COUT
Pin capacitance
5
pF
PLL
fPLL
Output frequency
40
68
MHz
HIGH RESOLUTION PWM GENERATOR
PWM_RES
PWM resolution
PLL frequency=40 MHz
1.47
ns
USB INTERFACE
STWBC2-HP
Electrical characteristics
DS13825 - Rev 1.0
page 80/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com