Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 45 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 41Page - STMicroelectronics STWBC2-HP Datasheet HTML 42Page - STMicroelectronics STWBC2-HP Datasheet HTML 43Page - STMicroelectronics STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
Figure 46. BB-DCDC block diagram overview
2.2.7.4
Charging step
The digital DC-DC controller uses a variable charging time to control the current in the coil:
•
The charge time is increased if the DC-DC does not reach the target regulation voltage during the discharge
phase. So, the next cycle furnishes more energy. The charge time increase is only applied if the coil current
does not reach the max. value.
•
The charge time is decreased if the target regulation voltage is overshot at the beginning of the discharge
phase. So, the next cycle furnishes less energy.
•
The charge time is also decreased if the output voltage is above the target at the end of the discharge step.
•
If the output voltage overshoots the target regulation voltage around the middle of the discharge phase, the
charge time is not modified.
2.2.7.5
Boost in QR mode
The drawing below shows a case of boost in QR mode where the control loop has converged. During the charge
phase, the output voltage drops because of the DC-DC load. During the discharge phase, the output voltage
passes above the target but not too early. So, the charge time is not changed. Furthermore, as the output voltage
is below the target at the end of discharge phase, a new charge cycle is engaged immediately.
Figure 47. QR mode converged loop operation
2.2.7.6
DCM case
The drawing below shows a DCM case where the output voltage is above the target at the end of the discharge
step. In this situation, the charge time is probably decreased because the output voltage overshoots the target too
early during the discharge step.
The charge time is also decreased because the output voltage stays above the target at the end of the discharge
phase. In addition, after the discharge step, the DC-DC controller waits for output voltage to be below the target to
start a new charge cycle. This is the way DCM and burst mode can operate.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 45/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com