Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 23 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics STWBC2-HP Datasheet HTML 21Page - STMicroelectronics STWBC2-HP Datasheet HTML 22Page - STMicroelectronics STWBC2-HP Datasheet HTML 23Page - STMicroelectronics STWBC2-HP Datasheet HTML 24Page - STMicroelectronics STWBC2-HP Datasheet HTML 25Page - STMicroelectronics STWBC2-HP Datasheet HTML 26Page - STMicroelectronics STWBC2-HP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
Bit position
Controled cell
Comment
0
Gate driver 2 high-side
Force input of gate driver to 0 before enabling
Table 20. ANA_PWR_CTRL_3 mapping
Bit position
Controled cell
Comment
7
BB-DCDC general enabling
Used for BB-DCDC
6
Reserved, keep at 0
5
Reserved, keep at 0
4
Reserved, keep at 0
3
Voltage demodulator VR
2
Voltage demodulator comp Int
1
Current demodulator INA
0
Current demodulator comp Int
Table 21. ANA_PWR_CTRL_4 mapping
Bit position
Controled cell
Comment
7
Reserved, keep at 0
6
BB-DCDC V2 high comparator
Used for BB-DCDC
5
BB-DCDC V1 high comparator
Used for BB-DCDC
4
BB-DCDC Ipeak max. DAC
Used for BB-DCDC
3
BB-DCDC feedback comparator
Used for BB-DCDC
2
BB-DCDC VIN drop detection
Used for BB-DCDC
1
BB-DCDC overcurrent detection
Used for BB-DCDC
0
BB-DCDC buck boost OK comparator
Used for BB-DCDC
Table 22. ANA_PWR_CTRL_5 mapping
Bit position
Controled cell
Comment
7
PLL supply
6
Reserved, keep at 0
5
Reserved, keep at 0
4
Reserved, keep at 0
3
Reserved, keep at 0
2
Reserved, keep at 0
1
Enable digital pads that are in parallel to analog functions
0
Demodulators pre regulator
2.2
Digital AFE functions
This section describes the digital core logic implemented in the Analog Front-End (AFE).
The digital block integrates an SPI slave interface providing access to registers through a parallel peripheral bus.
Registers are arranged by pages. The registers allow controlling both digital IPs and analog macros.
The digital block embedded the following functional IPs:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 23/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com