Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 60 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 56Page - STMicroelectronics STWBC2-HP Datasheet HTML 57Page - STMicroelectronics STWBC2-HP Datasheet HTML 58Page - STMicroelectronics STWBC2-HP Datasheet HTML 59Page - STMicroelectronics STWBC2-HP Datasheet HTML 60Page - STMicroelectronics STWBC2-HP Datasheet HTML 61Page - STMicroelectronics STWBC2-HP Datasheet HTML 62Page - STMicroelectronics STWBC2-HP Datasheet HTML 63Page - STMicroelectronics STWBC2-HP Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
2.2.11.3.3
NVM commands overview
The NVM controller allows configuring all user command operations on the NVM_OP_REG[3:0] signals with
codes comprised between 0x0 up to 0x6; all the other commands are provided in test mode by the ATE tester
equipment driving directly the NVM memory exposed pins during the EWS and FT.
Table 44. NVM memory command overview
Operation
OP_REG[3:0]
Description
Standby
0x0
No operation
Read Memory
0x1
Read memory data
Soft-Program
0x2
Soft program selected sector
Erase
0x3
Erase selected sector
Word Program
0x4
Program Word selected sector
Write Data on PL
0x5
Write Pre-Load data
Read PL data
0x6
Read Pre-Load data
FDMA direct
0x8
Read single ended mode – direct cell
FDMA complementary
0x9
Read single ended mode – comp. cell
DMA direct
0xA
Direct Memory Access – direct cell
DMA complementary
0xB
Direct Memory Access – comp cell
Write TOP_REG
0xC
Write Test Operation Register
Read TOP_REG
0xD
Read Test Operation Register
Read complementary PL
0xE
Read Pre-Load complementary data
2.2.11.4
Programming
2.2.11.4.1
SW access
The NVM memory access requires the following program sequences:
•
Evaluate that there is no NVM pending command by checking the NVM_BUSY bit of the NVM_CTRL_0
register (the bit must be cleared); wait until NVM_BUSY bit is cleared before moving to the next step.
•
Configure the memory operation command and the sector number respectively in the NVM_OP_REG and
the NVM_SECT_SEL fields of the NVM_CTRL_1 register.
•
Select the NVM memory access request by setting the NVM_PC_REQ wc-bit field of register NVM_CTRL_0.
•
Waiting for the command completion notified by the NVM_EOC; if the on-going operation was a read
command the return data may read back from the NVM_DATA_0 to 7 registers. In case of abort notified by
NVM_ABRT bit field (this event should be avoided thanks to the SW interlock procedures described in the
first step) the entire command sequence has to be reiterated.
•
Reset the NVM status bit by setting the NVM_STS_CLR wc bit field of register NVM_CTRL_0.
•
To deeply reduce the power consumption, the NVM should be disabled (power down) after reading the
manufacturing parameters in functional mode.
2.2.11.4.2
HW access
The sector-0 of NVM which stores the trimming data parameters is uploaded automatically from HW either
following the reset sequence or by setting the NVM_HW_REQ command bit. During the NVM access the trimming
data are written by HW.
Here below follows the related program sequences:
•
Evaluate that there is no NVM pending command by checking the NVM_BUSY bit of the NVM_CTRL_0
register (the bit must be cleared); wait until NVM_BUSY bit is cleared before moving to the next step.
•
Configure the memory operation command and the sector number respectively in the NVM_OP_REG
and the NVM_SECT_SEL fields of the NVM_CTRL_1 register selecting the sector-0 “000” and command
memory read “0x1”.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 60/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com