Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 18 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 14Page - STMicroelectronics STWBC2-HP Datasheet HTML 15Page - STMicroelectronics STWBC2-HP Datasheet HTML 16Page - STMicroelectronics STWBC2-HP Datasheet HTML 17Page - STMicroelectronics STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics STWBC2-HP Datasheet HTML 21Page - STMicroelectronics STWBC2-HP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
2.1.7
LED/buzzer driver
LED/buzzer driver is a VDD (3.6 V/5 V) digital IO or current source that can be driven by a pattern generator from
the digital section (see Section 2.2.6 ). The frequency of pattern generator output is in the range of Hz for LED
and kHz for buzzer. The pattern generator can be bypassed for a direct driving of the pin (GPIO mode).
The digital driver can be configured in open drain modes. The current source current value can be configured.
Figure 23. LED/buzzer driver
Table 13. LED/buzzer driver operating parameters
Parameter
Value
Comment
Driver mode
HiZ, push-pull, open drain high-side, open drain low-side, current source
Input mode
Yes, pad state readable in register
Operating voltage
3.6 V/5 V
Digital IO drive current
20 mA for LED with 0.5 V driver drop
Optionally, 50 mA for buzzer with 0.5 V driver drop
VCC=5 V
Constant current sink
Configurable at 2.5 mA, 5 mA, 7.5 mA, 10 mA
2.1.8
USB detection
The USB detection circuit allows the biasing and signaling of DP and DM USB pins. Using this circuit in
combination with an adequate FW that uses ADC measurement on DP and DM, it is possible to detect the
connection of:
•
Basic downstream ports (USB simple host)
•
Downstream ports with charging capabilities as per USB BC 1.2 specification
•
Dedicated chargers as per USB BC 1.2 specification
•
Other manufacturer specific chargers
The detection circuit integrates two independent voltage sources driving DP and DM pins with up to 1mA current
capability. The voltage can be either 0.6 V, 2.8 V or 3.3 V. Optionally, a 15 kohms resistor can be enabled in series
with the voltage source.
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 18/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com