Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 38 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 34Page - STMicroelectronics STWBC2-HP Datasheet HTML 35Page - STMicroelectronics STWBC2-HP Datasheet HTML 36Page - STMicroelectronics STWBC2-HP Datasheet HTML 37Page - STMicroelectronics STWBC2-HP Datasheet HTML 38Page - STMicroelectronics STWBC2-HP Datasheet HTML 39Page - STMicroelectronics STWBC2-HP Datasheet HTML 40Page - STMicroelectronics STWBC2-HP Datasheet HTML 41Page - STMicroelectronics STWBC2-HP Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
2.2.3.4.6
Change timing on-the-fly
Blanking time and time-out can be changed on-the-fly. To do so, write the new value and set the bit UPDATE
of the QF_BLANKING_TIME_H or QF_TIMEOUT_H registers respectively. The update can be done optimally by
writing the low byte first and then writing the high part of the value ORed with 0x80. 0x80 corresponds to the
UPDATE bit.
2.2.3.5
Operating parameters
Table 26 summarizes the IP functional operating parameters:
Table 26. QF controller main parameters
Parameter
Condition
Value
Operating frequency
8 MHz – 40 MHz
Measurable ring frequency
clk = 40 MHz
clk = 16 MHz
clk = 8 MHz
>4.9 kHz
>1.9 kHz
>0.9 kHz
2.2.3.6
Configuration register overview
Table 27 shows the list of QF configuration registers overview:
Table 27. QF configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val.
QF_CTRL
Control configuration
R/W
0
0x14
0x10
QF_BLANKING_TIME_L
Blanking time low value
R/W
0
0x15
0x00
QF_BLANKING_TIME_H
Blanking time high value
R/W
0
0x16
0x00
QF_TIMEOUT_L
Time-out low value
R/W
0
0x17
0x00
QF_TIMEOUT_H
Time-out high value
R/W
0
0x18
0x00
QF_CYCLE_TIME_L
Cycle time low value
R/W
0
0x19
0x00
QF_CYCLE_TIME_H
Cycle time high value
R/W
0
0x1A
0x00
QF_ISET
Drive current setting
R/W
0
0x1B
0x00
2.2.4
Gate driver mode, IO mode and mux
2.2.4.1
Overview
This logic generates the gate driver and the I/O signals.
2.2.4.2
Feature list
•
Control embedded gate driver operations
•
Control IO line mode operation
•
Control mux signals routed to GD or I/O lines
2.2.4.3
Functional description
The STWBC2-HP embeds three gate drivers and four configurable external I/O lines (GPIO_DR0 to GPIO_DR3).
A mux allows routing the different generators to the gate drivers or IO control cells:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 38/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com