Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 51 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics STWBC2-HP Datasheet HTML 54Page - STMicroelectronics STWBC2-HP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
Table 36. Buck switch configuration overview
Switch Buck side (before inductor)
Switch configuration
LSB_ACTIVE
Comment
Low-side switch is diode
0
Low-side switch is MOSFET
1
When the BB-DCDC is running a buck/boost hardware with passive switches on low-side buck and high-side
boost, a single gate driver can drive the two remaining active switches. This means that HSB+LSA have to drive
the gate driver.
However, coherent pairs of BB-DCDC controller signals are routed to the gate driver, so HSB+LSB and
HSA+LSA. To obtain HSB+LSA in the gate driver, it is possible to swap LSA and LSB at the output of the
BB-DCDC controller. Set the bit SWAP_LSA_LSB of the DCDC_CTRL register to enable the LSA/LSB swapping.
Depending on the application, it is possible to disable some protection functions in the DCDC_CTRL register:
•
Set DISABLE_OVER_CURRENT to disable the overcurrent limiter function
•
Set DISABLE_VIN_DROP to disable the VIN drop limiter function
•
Set DISABLE_OVERLOAD to disable the overload detection function
The STARTUP_RATE field in the DCDC_STARTUP_BLANK_TIME register allows adjusting the smoothing of
start-up current. Set this field to the slowest start-up time if possible.
The BB-DCDC supports on-the-fly changes of target voltage. In case of large increase of target voltage, the
BB-DCDC can create large input current spikes to reach the required voltage as fast as possible. Automatic
voltage ramp can be enabled to reduce such current spikes. To do so, set the bit PROGRESSIVE_V_DAC in the
DCDC_CTRL register.
The BB-DCDC must probe the switching node it is driving. BB-DCDC uses V1 comparator to monitor the buck
side (if any) and V2 comparator to monitor the boost side (if any). Different pins of the STWBC2-HP can be
assigned to V1 and V2 comparator. Use the V1_MUX and V2_MUX fields of the DCDC_COMPARATOR_MUX
register to route the V1 and V2 comparators to the right pin (SWx (HB_SW1 or HB_SW2 or HB_SW3) pins of
gate drivers or GD_IO3 pin).
The BB-DCDC manages fixed deadtime between high-side and low-side drive. Adjust the
DCDC_GD_DEAD_TIME register to set the deadtime required by the gate drivers.
The start of charge step of BB-DCDC can be synchronized with a self-generated clock. Adjust the
DCDC_SYNC_PERIOD register to set the period of this clock in counts of BB-DCDC clock period. A value of
0 disables the synchronization. The synchronization clock can be changed during the BB-DCDC operation.
When the new value is written, set the bit UPDATE of the DCDC_CTRL register and the BB-DCDC takes it into
account.
The default timing values of the BB-DCDC controller are valid for inductance in the range of 2 µH to 10 µH. It is
recommended to keep these default values in the registers
(DCDC_PRECHARGE_TIME_SHORT, DCDC_PRECHARGE_TIME_LONG,
DCDC_PRESDISCHARGE_TIME_SHORT, DCDC_PRESDISCHARGE_TIME_LONG, DCDC_PROBE_TIME,
DCDC_RELAX_TIME_L, DCDC_RELAX_TIME_H, DCDC_GD_TIME_BEFORE_REFRESH,
DCDC_GD_REFRESH_TIME, DCDC_OVERCURRENT_RATE, DCDC_OVERCURRENT_LOCK_TIME,
DCDC_OVERLOAD_THR).
The output voltage range of the BB-DCDC has to be configured according to the range of the application. Set the
range in the DCDC_DAC_RANGE register.
When the configuration above is done, the DC-DC can be enabled or disabled and the voltage can be changed
on-the-fly.
To enable the BB_DCDC set the bit ENABLE in the DCDC_CTRL register. Clear this bit to disable the BB_DCDC.
To change the voltage target, set the corresponding code to the registers DCDC_DAC_VALUE_L &
DCDC_DAC_VALUE_H. The written value is taken into account only when the self-clearing bit UPDATE_V_DAC
of register DCDC_DAC_VALUE_H is set. It is then recommended to write the L register first and when writing the
H register, OR the value with 0x80. This procedure combines the H value write with the update request.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 51/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com