Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 17 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 13Page - STMicroelectronics STWBC2-HP Datasheet HTML 14Page - STMicroelectronics STWBC2-HP Datasheet HTML 15Page - STMicroelectronics STWBC2-HP Datasheet HTML 16Page - STMicroelectronics STWBC2-HP Datasheet HTML 17Page - STMicroelectronics STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics STWBC2-HP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
2.1.6
Quality factor driver
The purpose of the circuit is to drive the resonant LC network used in the wireless power transfer in order to
transmit a steady oscillation by which to measure its quality factor (Q factor).
When a Qi receiver is coupled, the Q factor of the network would decrease. Moreover, a foreign object
inadvertently and dangerously placed in the coupling region would absorb power from the transmitter causing
the Q factor to fall by even orders of magnitude.
The measurement is done by evaluating the amplitude and the period of the waveform so obtained on the ringing
node. The Q factor is first evaluated on the transmitter in absence of receiver during the final assembly test
procedure. The measurement needs not to be absolute but it is recorded in the device NVM as a calibration
point. The same measurement is repeated during normal functioning before starting the power transfer process.
By comparison with the stored value, the application can reveal the presence of a receiver or detect an undesired
foreign object.
Figure 22. QF driver
The analog driver is a square current generator with symmetrical source/sink programmable current strength.
During power transfer, the QF_DRV pin must be shorted to GND to avoid damage from the high voltage ringing
node. In this case the total internal/external QF_DRV pin resistance to GND has to be as low as to guarantee a
maximum voltage on the QF_DRV pin of ±300 mV.
The QF_drv signal is driven by the QF controller digital machine (see Section 2.2.3 ).
Table 12. QF driver operating parameters
Topic
Value
Current generator
250 µA to 4 mA, 16 steps
QF_DRV swing
20 mVpp min. (low Q)
1Vpp typ.
2Vpp max.
Ringing node voltage
20 mVpp min. (low Q)
1Vpp typ. (high Q)
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 17/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com