Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 61 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 57Page - STMicroelectronics STWBC2-HP Datasheet HTML 58Page - STMicroelectronics STWBC2-HP Datasheet HTML 59Page - STMicroelectronics STWBC2-HP Datasheet HTML 60Page - STMicroelectronics STWBC2-HP Datasheet HTML 61Page - STMicroelectronics STWBC2-HP Datasheet HTML 62Page - STMicroelectronics STWBC2-HP Datasheet HTML 63Page - STMicroelectronics STWBC2-HP Datasheet HTML 64Page - STMicroelectronics STWBC2-HP Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
•
Select the NVM memory access request by setting the NVM_HW_REQ wc-bit field of register
NVM_CTRL_0.
•
Wait for the command completion notified by the NVM_EOC. In case of abort notified by NVM_ABRT bit field
(this event should be avoided thanks to the SW interlock procedures described in the first step) the entire
command sequence has to be reiterated.
•
Reset the NVM status bit by setting the NVM_STS_CLR wc bit field of register NVM_CTRL_0.
2.2.11.5
Operating parameters
Table 45 summarizes the IP functional operating parameters.
Table 45. NVM operating parameters
Parameter
Value
NVM operating clock
4 MHz to 5 MHz
2.2.11.6
Configuration register overview
Table 46 shows the list of NVM configuration registers overview
Table 46. NVM configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val.
NVM_CTRL_0
NVM control configuration 0
R/W
5
0x02
0x00
NVM_CTRL_1
NVM control configuration 1
R/W
5
0x03
0x00
NVM_CTRL_2
NVM control configuration 2
R/W
5
0x04
0xC2
NVM_DATA_0
NVM data register
R/W
5
0x05
0xYY(1)
NVM_DATA_1
NVM data register
R/W
5
0x06
0xYY(1)
NVM_DATA_2
NVM data register
R/W
5
0x07
0xYY(1)
NVM_DATA_3
NVM data register
R/W
5
0x08
0xYY(1)
NVM_DATA_4
NVM data register
R/W
5
0x09
0xYY(1)
NVM_DATA_5
NVM data register
R/W
5
0x0A
0xYY(1)
NVM_DATA_6
NVM data register
R/W
5
0x0B
0xYY(1)
NVM_DATA_7
NVM data register
R/W
5
0x0C
0xYY(1)
1. Sector-0 byte values in functional mode or 0x00 in test mode.
2.2.12
RCC (Reset & Clock Controller) circuit
2.2.12.1
Overview
This block controls the generation of the Reset and Clock signals after the IC power-up. Whenever the power is
applied to the system, this block grants the congruent sequence of internal reset controls and the delivery of the
system clock.
2.2.12.2
Feature list
•
Two independent clock and reset line domains
•
Global reset assertion on HW/SW reset commands
•
Selective IP SW reset generation
•
PLL clock control circuit
•
Control clock gating for every digital IP
•
DMD configurable clock line.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 61/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com