Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 84 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics STWBC2-HP Datasheet HTML 82Page - STMicroelectronics STWBC2-HP Datasheet HTML 83Page - STMicroelectronics STWBC2-HP Datasheet HTML 84Page - STMicroelectronics STWBC2-HP Datasheet HTML 85Page - STMicroelectronics STWBC2-HP Datasheet HTML 86Page - STMicroelectronics STWBC2-HP Datasheet HTML 87Page - STMicroelectronics STWBC2-HP Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
Pin Number
Pin Name
Pin Type
Description
48
SWDIO
Digital I/O
Debugger IO
49
SWCLK
Digital I/O
Debugger CLK
50
BRG_VSNS
Analog In
Bridge voltage sense
51
DCDC_FB
Analog In
DCDC feedback pin
52
BRG_ISNS_M
Analog In
Bridge current sense Minus
53
BRG_ISNS_P
Analog In
Bridge current sense Plus
54
BRG_VREF
Analog In/Out
External filtering for internal voltage reference
55
BRG_IDEM
Analog In
Bridge current demodulation input
56
BRG_FT_S
Analog Out
Bridge LP filter send
57
BRG_FT_R
Analog In
Bridge LP filter return
58
CC1
Analog I/O
USB power delivery CC1 pin
59
USB_DP
Analog I/O
USB D+ pin
60
USB_DM
Analog I/O
USB D- pin
61
CC2
Analog I/O
USB power delivery CC2 pin
62
I2C_SDA
Digital I/O
I2C SDA
63
I2C_SCL
Digital I/O
I2C SCL
64
RNG_FT_S
Analog Out
Ringing node LP filter Send
65
RNG_FT_R
Analog In
Ringing node LP filter Return
66
QF_DRV
Analog Out
Q factor driver output
67
RNG_SNS
Analog In
Ringing node sense / PC14-OSC32-IN
68
AGND
Power
AFE analog Ground
4.2
Internal signal connection
Table 59. STWBC2-HP PAD Mapping
STWBC2-HP
pin
AFE pad
MCU Pad
MCU Function
Type
I/O
structure
EP
SUB<1:2>
-
-
A
-
1
-
PC15-OSC32-OUT
PC15
I/O
FT
2
LDO_3V3 <1:2>
VBAT
VBAT
I/O
-
3
-
VREF+
VREF_OUT
I/O
-
4
-
VDD<1:3>
VDD
S
-
5
LDO_1V8<1:2>
-
-
A
-
6
VDD<1:3>
-
-
A
-
7
-
VSS/VSSA<1:3>
VSS
S
-
8
-
VSS/VSSA<4:5>
VSS
S
-
9
BUCK_FB
-
-
A
-
10
-
PF0-OSC_IN
PF0-OSC_IN
I/O
FT
11
-
PF1-OSC_OUT
PF1-OSC_OUT
I/O
FT
12
NRST
PF2 - NRST
PF2-NRST
I/O
-
STWBC2-HP
Internal signal connection
DS13825 - Rev 1.0
page 84/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com