Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 54 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics STWBC2-HP Datasheet HTML 54Page - STMicroelectronics STWBC2-HP Datasheet HTML 55Page - STMicroelectronics STWBC2-HP Datasheet HTML 56Page - STMicroelectronics STWBC2-HP Datasheet HTML 57Page - STMicroelectronics STWBC2-HP Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
After power-up all the interrupt request lines are masked; these may be enabled by configuring the INT_EN_<x>
registers. When the interrupt rising edge is detected the “IRQ” interrupt request signal is asserted.
The interrupt source request is memorized and stored in the readable register INT_STATUS_<x> then the
interrupt notify is clearable by setting to “1” the corresponding INT_CLEAR_<x> bit. The interrupt row request
lines may be read from the INT_SOURCE_<x> registers.
Note that enabling of a line for which the source is already 1 has no effect.
The status signal of each line is ORed together to generate the IRQ signal going to MCU. The source, enable,
clear and status vectors are mapped to SPI registers. Some interrupt source signals are externally synchronized.
2.2.9.3.1
Interrupt level or pulse generation
The interrupt controller can generate a pulse on IRQ output if pulse_duration is not 0. The pulse generation is
interesting to use if the microcontroller that receives the IRQ line is edge sensitive only and cannot be configured
in level.
When the controller is configured to generate pulse, the IRQ line is forced to 0 for pulse_duration cycle count
when any interrupt is cleared. By consequence, if another interrupt was pending, after being forced to 0, the IRQ
line returns to 1 and is representing an edge that can be captured by the microcontroller.
2.2.9.3.2
Interrupt table
Table 39 shows the Interrupt request assignment:
Table 39. ITC Interrupt table overview
Interrupt Table
Irq#
Request line
Description
0
io0_incoherent
IO0 drive incoherence fault
1
io1_incoherent
IO1 drive incoherence fault
2
Io2_incoherent
IO2 drive incoherence fault
3
Io3_incoherent
IO3 drive incoherence fault
4
gdls0_incoherent
gdls0 drive incoherence fault
5
gdls1_incoherent
gdls1 drive incoherence fault
6
gdls2_incoherent
gdls2 drive incoherence fault
7
pll_unlock
PLL lose lock
8
dcdc_error
DCDC error fault
9
dcdc_vin_drop
DCDC voltage drop fault
10
dcdc_over_current
DCDC overcurrent fault
11-17
RFU
Reserved for future use
18
pwm_status_fsk_fifo_half_full
PWM FSK FIFO count is passing below half capacity (time to refill)
19
pwm_status_fsk_fifo_empty
PWM FSK FIFO is empty (end of FSK data)
Note:
1.
All interrupt request signals are active high.
2.
Register with post-fix “_0” controls the interrupt request lines [7:0].
3.
Register with post-fix “_1” controls the interrupt request lines [15:8].
4.
Register with post-fix “_2” controls the interrupt request lines [23:16].
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 54/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com