Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 22 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics STWBC2-HP Datasheet HTML 21Page - STMicroelectronics STWBC2-HP Datasheet HTML 22Page - STMicroelectronics STWBC2-HP Datasheet HTML 23Page - STMicroelectronics STWBC2-HP Datasheet HTML 24Page - STMicroelectronics STWBC2-HP Datasheet HTML 25Page - STMicroelectronics STWBC2-HP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
PARAMETER/FEATURES/TOPIC
VALUE
COMMENT
Sink and source current
>6 mA
Output voltage low
0.4 V max. at 6 mA load
Output voltage high
LDO3V3-0.4 V min. at 6 mA load
Fall time, Rise time
11 ns max. with 50 pF
10%-90% threshold
2.1.12
Control of analog functions
The analog functions can be independently enabled in order to optimize the power consumption of the STWBC2-
HP. This can be done through the SPI registers ANA_PWR_CTRL_x of page 0.
Table 17. ANA_PWR_CTRL_0 mapping
Bit position
Controled cell
Comment
7
Current demodulator LPF
6
Current demodulator HPF
5
Current demodulator comparator
4
Bridge zero cross detector
3
Bridge voltage monitor
2
ADC mux 2
1
ADC mux 1
0
ADC mux 0
Table 18. ANA_PWR_CTRL_1 mapping
Bit position
Controled cell
Comment
7
Gate driver 1 low-side
Force input of gate driver to 0 before enabling
6
Gate driver 1 high-side
Force input of gate driver to 0 before enabling
5
Voltage demodulator LPF
4
Voltage demodulator HPF
3
Voltage demodulator comparator
2
VCCD monitor
1
Ring node peak-to-peak detector
0
Ring node I to V amplifier
Table 19. ANA_PWR_CTRL_2 mapping
Bit position
Controled cell
Comment
7
VIN voltage sense monitor
6
VIN current sense
Used for BB-DCDC
5
VIN peak current comparator
Used for BB-DCDC
4
Bridge current amplifier
3
Gate driver 3 low-side
Force input of gate driver to 0 before enabling
2
Gate driver 3 high-side
Force input of gate driver to 0 before enabling
1
Gate driver 2 low-side
Force input of gate driver to 0 before enabling
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 22/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com