Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 82 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics STWBC2-HP Datasheet HTML 82Page - STMicroelectronics STWBC2-HP Datasheet HTML 83Page - STMicroelectronics STWBC2-HP Datasheet HTML 84Page - STMicroelectronics STWBC2-HP Datasheet HTML 85Page - STMicroelectronics STWBC2-HP Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
4
STWBC2-HP pinout and pin description
4.1
Pinout
This section shows the pinout used by the STWBC2-HP.
Figure 77. STWBC2-HP pin connection (top view)
Table 58. Pinout description
Pin Number
Pin Name
Pin Type
Description
EP
GND
Power
AFE substrate GND
1
IRQ
Digital I/O
Interrupt pin or GPIO ( PC15-OSC32-OUT )
2
LDO_3V3
Power
LDO 3.3 V output (VBAT)
3
VREF_A
Analog Out
Analog reference voltage (VREF+)
4
MCU_3V3
Power
MCU 3.3V supply input (VDD/VDDA)
5
LDO_1V8
Power
LDO 1.8 V output
6
VDD
Power
AFE 5 V supply input
7
MCU_VSS
Power
MCU GND (VSS/VSSA)
STWBC2-HP
STWBC2-HP pinout and pin description
DS13825 - Rev 1.0
page 82/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com