Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 53 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics STWBC2-HP Datasheet HTML 54Page - STMicroelectronics STWBC2-HP Datasheet HTML 55Page - STMicroelectronics STWBC2-HP Datasheet HTML 56Page - STMicroelectronics STWBC2-HP Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
Parameter
Value
Division factor
2 - 256
Output frequency
100 kHz – 2 MHz
2.2.8.6
Configuration register overview
Table 38 shows the list of the VDoubler configuration register overview.
Table 38. VDoubler configuration registers overview
Registers overview
Name
Description
Type
Page
Offset
Reset val
V_DOUBLER
Configuration and enabling
R/W
0
0x0B
0x00
V_DOUBLER_CLK
Clock division
R/W
0
0x0C
0x01
2.2.9
ITC (Interrupt Controller)
2.2.9.1
Overview
The interrupt controller IP captures signal events and generates a maskable notify interrupt to the MCU
companion DIE.
2.2.9.2
Feature list
•
The IP controls 24 request lines
•
Interrupt output request level or pulse
•
Configurable parameters:
–
Rising edge interrupt capture request line
–
Maskable interrupt lines
–
Interrupt status interrupt
–
Readable interrupt sources active high
2.2.9.3
Functional description
This IP manages all the interrupt request lines within the AFE logic like error events and status events requiring
low latency notification and fast recovery actions from the MCU DIE.
The interrupt controller generates an interrupt whenever it detects an interrupt request rising edge transition and
the related interrupt line request line is enabled.
Here below is shown an outline view of the ITC block diagram.
Figure 54. ITC block diagram overview
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 53/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com