Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC2-HP Datasheet(PDF) 16 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 12Page - STMicroelectronics STWBC2-HP Datasheet HTML 13Page - STMicroelectronics STWBC2-HP Datasheet HTML 14Page - STMicroelectronics STWBC2-HP Datasheet HTML 15Page - STMicroelectronics STWBC2-HP Datasheet HTML 16Page - STMicroelectronics STWBC2-HP Datasheet HTML 17Page - STMicroelectronics STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
Parameter
Value
Demodulation LPF
3rd order
F1 adjustable by SPI registers to 4k-Hz, 8k-Hz, 12k-Hz, 16k-Hz
Frequency tolerance +/-10%
Comparator hysteresis
Adjustable by SPI registers
0,
0.6 mV,
1.2 mV,
2.4 mV
2.1.5.2
Current demodulator
The current demodulator detects Rx modulation from the variation of the bridge current.
Figure 21. Current demodulator
The bridge current monitor provides a voltage image Bridge_I. As the current is sensed on the bridge supply,
it is naturally rectified by the toggling of the driver. Hence, the image of the current can be directly filtered to
retrieve the modulation. This signal is filtered using a HPF and an LPF to select the band of the useful modulation.
This filtered signal is shipped to ADC mux for STM32 acquisition through ADC. The signal is also pushed to a
comparator in order to ship a direct digital 1bit form of the modulation to an STM32 GPIO. A configurable gain
allows adapting the signal level to the filtering chain.
Table 11. Current demodulator operating parameters
Topic
Value
Demodulation HPF
2nd order
F0 adjustable by SPI registers to 300 Hz, 450 Hz, 600 Hz, 750 Hz
Frequency tolerance +/-10%
Demodulation LPF
3rd order
F1 adjustable by SPI registers to 4k Hz, 8k Hz, 12k Hz, 16k Hz
Frequency tolerance +/-10%
Comparator hysteresis
Adjustable by SPI registers
0,
0.6 mV,
1.2 mV,
2.4 mV
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 16/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com